Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GF200-0UR-014B Datasheet(PDF) 28 Page - LEDTRONICS, INC

Part # GF200-0UR-014B
Description  Miniature Based LED Lamps
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDTRONICS [LEDTRONICS, INC]
Direct Link  http://www.ledtronics.com
Logo LEDTRONICS - LEDTRONICS, INC

GF200-0UR-014B Datasheet(HTML) 28 Page - LEDTRONICS, INC

Back Button GF200-0UR-014B Datasheet HTML 20Page - LEDTRONICS, INC GF200-0UR-014B Datasheet HTML 21Page - LEDTRONICS, INC GF200-0UR-014B Datasheet HTML 22Page - LEDTRONICS, INC GF200-0UR-014B Datasheet HTML 23Page - LEDTRONICS, INC GF200-0UR-014B Datasheet HTML 24Page - LEDTRONICS, INC GF200-0UR-014B Datasheet HTML 25Page - LEDTRONICS, INC GF200-0UR-014B Datasheet HTML 26Page - LEDTRONICS, INC GF200-0UR-014B Datasheet HTML 27Page - LEDTRONICS, INC GF200-0UR-014B Datasheet HTML 28Page - LEDTRONICS, INC  
Zoom Inzoom in Zoom Outzoom out
 28 / 28 page
background image
Infrared
Infrared
Infrared
Ultra Red
High Eff. Red
Super Orange
Orange
Super Yellow
Yellow
Super Lime Yellow
Super Lime Green
High Eff. Green
Super Pure Green
Pure Green
Aqua Green
Blue Green
Super Blue
Ultra Blue
Cool White
Super Orange
Super Red
Super Pure Yellow
Incand White
Pale White
1.5
1.7
1.7
3.8
3.6
3.5
3.5
2.1
2.1
2.1
2.0
2.4
2.1
2.2
2.1
2.0
1.8
3.6
2.2
2.2
2.2
2.1
3.6
3.6
IR941
IR881
IR851
R3KF
R3/R4/R5
O3KF
O4/O5
Y3KF
Y3/Y4/Y5
LY1K
G1K
UB500
PB3K
AG10K
BG2K
PG5
PG350
G3/G4/G5
CW6K
O3K/O6K
E3K
Y3KH
IW2K
PW4K
940
880
850
660
635
612
605
595
585
574
570
565
560
555
525
505
470
430
620
633
592
6500K
4500K
8000K
15º
15º
15º
15º
15º
15º
15º
15º
15º
15º
15º
15º
15º
20º
20º
20º
15º
15º
15º
15º
15º
15º
45º
15º
16mW @ 50mA
18mW @ 50mA
2000mcd @ 20mA
26mW @ 50mA
3500mcd @ 20mA
200mcd @ 20mA
4500mcd @ 20mA
6500mcd @ 20mA
5500mcd @ 20mA
7000mcd @ 20mA
2000mcd @ 20mA
4000mcd @ 20mA
6000mcd @ 20mA
1000mcd @ 20mA
1000mcd @ 20mA
200mcd @ 20mA
350mcd @ 20mA
80mcd @ 20mA
10,000mcd @ 20mA
2000mcd @ 20mA
3000mcd @ 20mA
100mcd @ 20mA
160mcd @ 20mA
100mcd @ 20mA
Color
Name
Fwd Voltage
Vf @ 20mA
LED Chip
Code
LEDtronics
Code
Wavelength
nm
Viewing
Angle
Intensity
5mm LEDs
LED Dye Material
GaAIAs/GaAs - Gallium Aluminum Arsenide/
Gallium Arsenide
GaAIAs/GaAIAs - Gallium Aluminum Arsenide/
Gallium Aluminum Arsenide
GaAsP/GaP - Gallium Arsenic Phosphide
/Gallium Phosphide
InGaAIP - Indium Gallium Aluminum Phosphide
GaAsp/GaP - Gallium Arsenic Phosphide
/Gallium Phosphide
InGaAIP - Indium Gallium Aluminum Phosphide
GaAsp/GaP - Gallium Arsenic Phosphide
/Gallium Phosphide
InGaAIP - Indium Gallium Aluminum Phosphide
GaP/GaP - Gallium Phosphide/Gallium Phosphide
InGaAIP - Indium Gallium Aluminum Phosphide
GaP/GaP - Gallium Phosphide/Gallium Phosphide
SiC/GaN - Silicon Carbide/Gallium Nitride
SiC/GaN - Silicon Carbide/Gallium Nitride
SiC/GaN - Silicon Carbide/Gallium Nitride
SiC/GaN - Silicon Carbide/Gallium Nitride
InGaAIP - Indium Gallium Aluminum Phosphide
InGaAIP - Indium Gallium Aluminum Phosphide
InGaAIP - Indium Gallium Aluminum Phosphide
SiC/GaN - Silicon Carbide/Gallium Nitride
SiC/GaN - Silicon Carbide/Gallium Nitride
InGaAIP - Indium Gallium Aluminum Phosphide
SiC/GaN - Silicon Carbide/Gallium Nitride
GaAIAs/GaAs - Gallium Aluminum Arsenide/
Gallium Arsenide
GaAIAs/GaAIAs - Gallium Aluminum Arsenide/
Gallium Aluminum Arsenide
941
881
851
0UR
00R
00O
0UY
0PY
0IW
0LY
0UG
00G
UPG
0PG
0AG
0BG
0PB
00B
0PW
0UO
0CW
0ER
0UO
00Y
LED Color Chart
LEDTRONICS, INC.
THE FUTURE OF LIGHT
23105 Kashiwa Court, Torrance, CA 90505
Phone: (800) 579-4875 or (310) 534-1505
Fax: (310) 534-1424
E-mail: webmaster@ledtronics.com
Website: www.ledtronics.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com