Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RST5-RKT5-1008 Datasheet(PDF) 1 Page - Belden Inc.

Part # RST5-RKT5-1008
Description  M12 to M12 cordset, Automotive Line, male to female, 5-pin, A-coded
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

RST5-RKT5-1008 Datasheet(HTML) 1 Page - Belden Inc.

  RST5-RKT5-1008 Datasheet HTML 1Page - Belden Inc. RST5-RKT5-1008 Datasheet HTML 2Page - Belden Inc. RST5-RKT5-1008 Datasheet HTML 3Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Product: RST 5-RKT 5-1008
M12 to M12 cordset, Automotive Line, male to female, 5-pin, A-coded, straight
to straight, PUR yellow cable, unshielded, IP67
Product Description
M12 to M12 cordset connector, Automotive Line, high welding spark resistance, male to female, 5-pin, A-coded, straight to straight, PUR yellow cable (similar
to RAL 1021), unshielded, AWM 20549, rated voltage 50 V AC / 60 V DC, rated current 4A, suited for IP67 environment
Technical Drawing
Technical Specifications
Face View Side 1
Pin 1
Pin 2 Pin 3 Pin 4
brown white blue
black
Product Description
Product Family:
Sensor / Actuator Connector


Similar Part No. - RST5-RKT5-1008

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
RST5-RKT5-MF293 BELDEN-RST5-RKT5-MF293 Datasheet
357Kb / 3P
Sensor/Actuator Double-Ended Cordset
07-25-2023
More results

Similar Description - RST5-RKT5-1008

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
DR03AR100 ALPHAWIRE-DR03AR100 Datasheet
147Kb / 2P
M12-A Male to M12-A Female
DR03AR104 ALPHAWIRE-DR03AR104 Datasheet
147Kb / 2P
M12-A Male to M12-A Female
DR04AR101 ALPHAWIRE-DR04AR101 Datasheet
151Kb / 2P
M12-A Male to M12-A Female
DR04AR105 ALPHAWIRE-DR04AR105 Datasheet
151Kb / 2P
M12-A Male to M12-A Female
DR05AR102 ALPHAWIRE-DR05AR102 Datasheet
152Kb / 2P
M12-A Male to M12-A Female
DR05AR106 ALPHAWIRE-DR05AR106 Datasheet
152Kb / 2P
M12-A Male to M12-A Female
DR08AR103 ALPHAWIRE-DR08AR103 Datasheet
157Kb / 2P
M12-A Male to M12-A Female
DR08AR112 ALPHAWIRE-DR08AR112 Datasheet
157Kb / 2P
M12-A Male to M12-A Female
DR08AR123 ALPHAWIRE-DR08AR123 Datasheet
157Kb / 2P
M12-A Male to M12-A Female
DR08AR124 ALPHAWIRE-DR08AR124 Datasheet
222Kb / 3P
M12-A Male to M12-A Female
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com