Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RST5-RKT5-1008 Datasheet(PDF) 2 Page - Belden Inc.

Part # RST5-RKT5-1008
Description  M12 to M12 cordset, Automotive Line, male to female, 5-pin, A-coded
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

RST5-RKT5-1008 Datasheet(HTML) 2 Page - Belden Inc.

  RST5-RKT5-1008 Datasheet HTML 1Page - Belden Inc. RST5-RKT5-1008 Datasheet HTML 2Page - Belden Inc. RST5-RKT5-1008 Datasheet HTML 3Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Brand:
Belden
Connector Type:
Cordset, double ended
Shielding:
Unshielded
Technical Data Side 1
Product Sub Family:
Automotive
Type of Contact / Gender:
Male
Connector Design:
Straight
Attachment Type:
Coupling Nut
Number of Pins:
5
Coding:
A
Insulation Resistance:
˃ 10^9 Ohm
Mating Cycles:
≤ 100
Ambient Temperature
(Operation)*:
- 40 °C - + 90 °C
Protection Degree / IP Rating**:
IP67
Design Standard:
IEC 61076-2-101
Contact Base Material:
CuSn
Contact Plating:
Cu/Au
Flammability Class (Contact
Bearer):
UL 94 HB
Molded Body Material:
TPU
Flammability Class (Molded
Body):
UL 94 HB
Attachment Material:
CuZn
Fastening Torque (Attachment):
M 12x1: (50-60) Ncm, hand-tight
Cable Data
Cable Number:
1008
Conductor Size:
0.34 mm²
Number of Wires:
5
Minimal Bending Radius (Fixed
Inst):
5 x D
Minimal Bending Radius (Flexible
Inst):
10 x D
Cycles (Bending):
2 Mio.
Welding Resistance:
Welding spark resistant
Conductor material:
Cu
Cable Jacket Material:
PUR
Cable Jacket Color:
yellow
Cable Diameter D:
Ø 5.70 ±0.15 mm
Wire Insulation Material:
PP
Insulated Wire Diameter:
Ø 1.25 ±0.05 m
Ambient Temperature (Fixed
Installation):
- 50 °C - + 90 °C (UL: + 80 °C)
Ambient Temperature (Flex
Installation):
- 25 °C - + 90 °C (UL: + 80 °C)
Ambient Temperature (Drag
Chain Inst):
- 25 °C - + 60 °C
UL Cable Type:
AWM: 20549
Flammability Class (Cable
Jacket):
DIN EN 60332-2-2, VDE 0482-332-2-2, IEC 60332-2-2, CSA FT2
Cable Characteristics:
as a flexible, flame retardant, halogen-free control line with improved weld spark resistance in the industrial mechanical and plant engineering for high requirements,
particularly for the employment in cable carriers and moved machine parts.
Technical Data Side 2
Product Sub Family, Side 2:
Automotive
Type of Contact / Gender, Side 2: Female
Connector Design, Side 2:
Straight
Coding, Side 2:
A
Attachment Material, Side 2:
CuZn



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com