Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMMLPDCEJE Datasheet(PDF) 4 Page - Abracon Corporation

Part # AMMLPDCEJE
Description  Low Power, Low Jitter MEMS Oscillator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

AMMLPDCEJE Datasheet(HTML) 4 Page - Abracon Corporation

  AMMLPDCEJE Datasheet HTML 1Page - Abracon Corporation AMMLPDCEJE Datasheet HTML 2Page - Abracon Corporation AMMLPDCEJE Datasheet HTML 3Page - Abracon Corporation AMMLPDCEJE Datasheet HTML 4Page - Abracon Corporation AMMLPDCEJE Datasheet HTML 5Page - Abracon Corporation AMMLPDCEJE Datasheet HTML 6Page - Abracon Corporation AMMLPDCEJE Datasheet HTML 7Page - Abracon Corporation AMMLPDCEJE Datasheet HTML 8Page - Abracon Corporation AMMLPDCEJE Datasheet HTML 9Page - Abracon Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
AMMLP series
Low Power, Low Jitter MEMS Oscillator
Revision:
Initial Release 4/30/2024
Page 4
Disclaimer
Check Inventory
S
Request Samples
Pin #
Pin Name
Description
1
OE
Output Enable: Note 6&8
Logic High or No Connect: Output Enabled
Logic Low: Output Disabled (High impedance)
External pull-up recommended for normal operation.
STBY
Standby: Note 6&8
Logic High or No Connect: Output Enabled
Logic Low: Output Disabled - Device is in Standby (Both output buffer and PLL disabled)
External pull-up recommended for normal operation.
2
GND
Ground
3
Output
Oscillator clock output
4
VDD
Power Supply: 1.71V to 3.63V Note 7
Pin Functions
Note 6:
If pin 1 is high or floating, there will be frequency output. If pin 1 is low, output will be disabled.
Note 7:
Bypass with 0.1 μF capacitor placed as close to VDD pin as possible.
Note 8:
70 KΩ (minimum) internal pull-up resistor present on pin 1.
Output Waveform



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com