Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMMLPDCEJE Datasheet(PDF) 1 Page - Abracon Corporation

Part # AMMLPDCEJE
Description  Low Power, Low Jitter MEMS Oscillator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

AMMLPDCEJE Datasheet(HTML) 1 Page - Abracon Corporation

  AMMLPDCEJE Datasheet HTML 1Page - Abracon Corporation AMMLPDCEJE Datasheet HTML 2Page - Abracon Corporation AMMLPDCEJE Datasheet HTML 3Page - Abracon Corporation AMMLPDCEJE Datasheet HTML 4Page - Abracon Corporation AMMLPDCEJE Datasheet HTML 5Page - Abracon Corporation AMMLPDCEJE Datasheet HTML 6Page - Abracon Corporation AMMLPDCEJE Datasheet HTML 7Page - Abracon Corporation AMMLPDCEJE Datasheet HTML 8Page - Abracon Corporation AMMLPDCEJE Datasheet HTML 9Page - Abracon Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
AMMLP series
Low Power, Low Jitter MEMS Oscillator
Revision:
Initial Release 4/30/2024
Page 1
Disclaimer
Check Inventory
S
Request Samples
Description
All Min and Max limits are specified over temperature and rated operating voltage with 10pF output load unless otherwise stated. Typical values are at
25°C and nominal supply voltage and 10pf output load
.
Parameters
Min.
Typ.
Max.
Units
Notes
Frequency Range (F)
2.3
170
MHz
VDD = 3.3V, VDD = 2.5V
2.3
125
VDD = 1.8V
Supply Voltage (VDD)
2.25
3.63
V
See Options
2.97
3.3
3.63
2.25
2.5
2.75
1.71
1.8
1.98
Current Consumption (IDD)
6.5
7.5
mA
f0 = 20MHz, VDD = 3.3V, no load, output enabled
Standby Current Consumption (ISTBY)
1
µA
VDD = 1.8V/2.5V
1.8
VDD = 3.3V
Operating Temperature Range (TUSE)
-40
+85
°C
See Options
Storage Temperature Range (TSTR)
-55
+150
°C
All Inclusive Frequency Stability (Fstab)
-20
+20
ppm
See Options, Note 1
Aging (@ +25°C)
±5
ppm
First year
±1
Per year after first year
Duty Cycle
47
53
%
Output Logic High,
VOH
VDD = 3.3V
0.8*VDD
V
IOH = –16mA
VDD = 2.5V
0.8*VDD
IOH = –10mA
VDD = 1.8V
0.8*VDD
IOH = –4mA
Output Logic Low,
VOL
VDD = 3.3V
0.2*VDD
V
IOL = 16mA
VDD = 2.5V
0.2*VDD
IOL = 10mA
VDD = 1.8V
0.2*VDD
IOL = 4mA
The Abracon AMMLP series is a programmable MEMS oscillator, offering three
different package size configurations (2016mm, 2520mm, and 7050mm). This series
features low power consumption, a wide frequency range, excellent phase noise, tight
stabilities, and short lead times for industrial, consumer, and other applications. The
AMMLP series supports four supply voltage options: 1.8V, 2.5V, 3.3V, and continuous
2.25V to 3.63V, enabling inventory consolidation and use of a single device
configuration.
Industry Standard package sizes: 2.0 x 1.6 x 0.89mm,
2.5 x 2.0 x 0.89mm, 7.0 x 5.0 x 0.9mm
CMOS output
Low power consumption
Any frequency between 2.3MHz to 170MHz
Supply Voltage options: 3.3V, 2.5V, 1.8V, 2.25V ~ 3.63V
Frequency Stability options: ±20ppm, ±25ppm, ±50ppm over
-20 to +70°C, -40 to +85°C, -40°C to +105°C, & -40°C to +125°C
Output enable or standby function
REACH/RoHS II Compliant | MSL Level 1
Features
Typical Applications
Electrical Specifications
Wearables
Internet of Things (IoT)
Industrial IoT
Consumer devices
Portable devices
Audio and video
Drones and robotics


Similar Part No. - AMMLPDCEJE

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
AMM XPPOWER-AMM Datasheet
204Kb / 4P
Worldwide Medical Approvals
logo
Infinite Electronics In...
AMM-1102 L-COM-AMM-1102 Datasheet
48Kb / 1P
CON,MCX MALE STR CRIMP LMR100
7/21/06
logo
Gamewell-FCI by Honeywe...
AMM-2F GAMEWELL-FCI-AMM-2F Datasheet
428Kb / 1P
Addressable monitor module, single circuit, Style B, Class B
AMM-2F GAMEWELL-FCI-AMM-2F_13 Datasheet
55Kb / 1P
Addressable Monitor Module
AMM-2IF GAMEWELL-FCI-AMM-2IF Datasheet
174Kb / 1P
Monitor module, two circuit, Style B, Class B
More results

Similar Description - AMMLPDCEJE

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EG-2001CA ETC1-EG-2001CA Datasheet
61Kb / 1P
LOW-JITTER CRYSTAL OSCILLATOR
logo
Abracon Corporation
ABLJO ABRACON-ABLJO Datasheet
2Mb / 3P
LOW JITTER CRYSTAL OSCILLATOR
05.31.11
ABLJO ABRACON-ABLJO_15 Datasheet
2Mb / 4P
LOW JITTER CRYSTAL OSCILLATOR
09.05.13
logo
Golledge Electronics Lt...
MCSOF GOLLEDGE-MCSOF_16 Datasheet
147Kb / 1P
CMOS Oscillator Low Jitter
MCSO2F GOLLEDGE-MCSO2F_16 Datasheet
141Kb / 1P
CMOS Oscillator Low Jitter
MCSO1F GOLLEDGE-MCSO1F_16 Datasheet
143Kb / 1P
CMOS Oscillator Low Jitter
logo
Abracon Corporation
ABMJB-902 ABRACON-ABMJB-902 Datasheet
7Mb / 9P
Low Power MEMS Jitter Attenuator
03.09.15
logo
Golledge Electronics Lt...
MCSO2FHZ GOLLEDGE-MCSO2FHZ Datasheet
550Kb / 4P
1.8V Low Jitter Oscillator
logo
Microchip Technology
DSC60XXB MICROCHIP-DSC60XXB Datasheet
335Kb / 26P
Ultra-Small, Ultra-Low Power MEMS Oscillator
08/15/18
MX55 MICROCHIP-MX55 Datasheet
1Mb / 28P
Low Jitter Crystal Oscillator
10/25/17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com