Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT8101APS Datasheet(PDF) 5 Page - Richtek Technology Corporation

Part # RT8101APS
Description  12V Synchronous Buck PWM DC-DC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8101APS Datasheet(HTML) 5 Page - Richtek Technology Corporation

  RT8101APS Datasheet HTML 1Page - Richtek Technology Corporation RT8101APS Datasheet HTML 2Page - Richtek Technology Corporation RT8101APS Datasheet HTML 3Page - Richtek Technology Corporation RT8101APS Datasheet HTML 4Page - Richtek Technology Corporation RT8101APS Datasheet HTML 5Page - Richtek Technology Corporation RT8101APS Datasheet HTML 6Page - Richtek Technology Corporation RT8101APS Datasheet HTML 7Page - Richtek Technology Corporation RT8101APS Datasheet HTML 8Page - Richtek Technology Corporation RT8101APS Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
5
RT8101/A
Preliminary
DS8101/A-01 March 2007
www.richtek.com
Parameter
Symbol
Test Conditions
Min
Typ
Max
U nits
Ramp Amplitude
ΔVOSC
VCC = 12V
--
1.5
--
VP-P
Reference Voltage
PWM Error Amplifier Reference
VREF
0.792
0.8
0.808
V
Error Amplifier
Open Loop DC Gain
AO
--
88
--
dB
Gain-Bandwidth Product
GBW
--
15
--
MH z
Slew R ate
SR
--
6
--
V/us
PWM Controller Gate Drivers (VCC = 12V)
Upper Gate Source
IUGATE
VBOOT − VPHASE = 12V,
VBOOT − VUGATE = 6V
--
300
--
mA
Upper Gate Source
RUGATE
VBOOT − VPHASE = 12V,
VBOOT − VUGATE = 1V
--
7
10
Ω
Upper Gate Sink
RUGATE
VBOOT − VPHASE = 12V,
VUGATE − VPHASE = 1V
--
4
8
Ω
Lower Gate Source
ILGATE
VCC = 12V, VLGATE = 6V
--
500
--
mA
Lower Gate Source
RLGATE
VCC − VLGATE = 1V
--
4
6
Ω
Lower Gate Sink
RLGATE
VLGATE = 1V
--
2
4
Ω
Protection
Under Voltage Protection
Measuring VFB
0.3
0.4
0.5
V
Over C urrent Threshold
VOC
Measuring VPHASE
−210 −250 −290
mV
Soft-Start Interval
TSS
2
3.2
4.2
ms
Note 1. Stresses listed as the above "Absolute Maximum Ratings" may cause permanent damage to the device. These are for
stress ratings. Functional operation of the device at these or any other conditions beyond those indicated in the
operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended
periods may remain possibility to affect device reliability.
Note 2. Devices are ESD sensitive. Handling precaution recommended.
Note 3. The device is not guaranteed to function outside its operating conditions.
Note 4.
θJA is measured in the natural convection at TA = 25°C on a high effective 4-layers thermal conductivity test board of
JEDEC 51-7 thermal measurement standard.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com