Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT8101APS Datasheet(PDF) 13 Page - Richtek Technology Corporation

Part # RT8101APS
Description  12V Synchronous Buck PWM DC-DC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8101APS Datasheet(HTML) 13 Page - Richtek Technology Corporation

Back Button RT8101APS Datasheet HTML 7Page - Richtek Technology Corporation RT8101APS Datasheet HTML 8Page - Richtek Technology Corporation RT8101APS Datasheet HTML 9Page - Richtek Technology Corporation RT8101APS Datasheet HTML 10Page - Richtek Technology Corporation RT8101APS Datasheet HTML 11Page - Richtek Technology Corporation RT8101APS Datasheet HTML 12Page - Richtek Technology Corporation RT8101APS Datasheet HTML 13Page - Richtek Technology Corporation RT8101APS Datasheet HTML 14Page - Richtek Technology Corporation RT8101APS Datasheet HTML 15Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
13
RT8101/A
Preliminary
DS8101/A-01 March 2007
www.richtek.com
Figure 11. The connections of the critical components
in the converter
LOAD
VCC
GND
RT8101/A
FB
LGATE
UGATE
IL
IQ1
VOUT
Q2
Q1
IQ2
5V/12V
GND
The power components and the PWM controller should
be placed firstly. Place the input capacitors, especially
the high-frequency ceramic decoupling capacitors, close
to the power switches. Place the output inductor and
output capacitors between the MOSFETs and the load.
Also locate the PWM controller near by MOSFETs. A
multi-layer printed circuit board is recommended.
Figure 11 shows the connections of the critical
components in the converter. Note that the capacitors CIN
and COUT each of them represents numerous physical
capacitors.
Use a dedicated grounding plane and use vias to ground
all critical components to this layer. Apply another solid
layer as a power plane and cut this plane into smaller
islands of common voltage levels. The power plane should
support the input power and output power nodes. Use
copper filled polygons on the top and bottom circuit layers
for the PHASE node, but it is not necessary to oversize
this particular island. Since the PHASE node is subjected
to very high dV/dt voltages, the stray capacitance formed
between these islands and the surrounding circuitry will
tend to couple switching noise. Use the remaining printed
circuit layers for small signal routing. The PCB traces
between the PWM controller and the gate of MOSFET
and also the traces connecting source of MOSFETs should
be sized to carry 2A peak currents.
PCB Layout Considerations
MOSFETs switch very fast and efficiently. The speed with
which the current transitions from one device to another
causes voltage spikes across the interconnecting
impedances and parasitic circuit elements. The voltage
spikes can degrade efficiency and radiate noise, that results
in over-voltage stress on devices. Careful component
placement layout and printed circuit design can minimize
the voltage spikes induced in the converter. Consider, as
an example, the turn-off transition of the upper MOSFET
prior to turn-off, the upper MOSFET was carrying the full
load current. During turn-off, current stops flowing in the
upper MOSFET and is picked up by the low side MOSFET
or schottky diode.
Any inductance in the switched current path generates a
large voltage spike during the switching interval. Careful
component selections, layout of the critical components,
and use shorter and wider PCB traces help in minimizing
the magnitude of voltage spikes.
There are two sets of critical components in a DC-DC
converter using the RT8101/A. The switching power
components are most critical because they switch large
amounts of energy, and as such, they tend to generate
equally large amounts of noise. The critical small signal
components are those connected to sensitive nodes or
those supplying critical bypass current.
Figure 10. Derating Curves for RT8101/A Packages
0
0.2
0.4
0.6
0.8
1
1.2
1.4
0
20
40
60
80
100
120
140
Ambient Temperature (°C)
SOP-8
PSOP-8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com