Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9161 Datasheet(PDF) 2 Page - Richtek Technology Corporation

Part # RT9161
Description  300/500mA Low Dropout Linear Voltage Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9161 Datasheet(HTML) 2 Page - Richtek Technology Corporation

  RT9161 Datasheet HTML 1Page - Richtek Technology Corporation RT9161 Datasheet HTML 2Page - Richtek Technology Corporation RT9161 Datasheet HTML 3Page - Richtek Technology Corporation RT9161 Datasheet HTML 4Page - Richtek Technology Corporation RT9161 Datasheet HTML 5Page - Richtek Technology Corporation RT9161 Datasheet HTML 6Page - Richtek Technology Corporation RT9161 Datasheet HTML 7Page - Richtek Technology Corporation RT9161 Datasheet HTML 8Page - Richtek Technology Corporation RT9161 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
RT9161/A
2
DS9161/A-31 March 2007
www.richtek.com
Function Block Diagram
Typical Application Circuit
Pin Name
Pin Function
VOUT
Output Voltage
GND
Ground
VIN
Power Input
Functional Pin Description
Current
Limiting
Sensor
Thermal
Shutdown
-
Error Amp
1.2V
Reference
VIN
GND
VOUT
VIN
GND
VOUT
RT9161/A
C
OUT
Electrolytic
10uF
C
IN
1uF
V
IN
V
OUT
2
3
1VIN
GND
VOUT
TO-92
RT9161/A-
CZL
2
3
1
GND
VIN
VOUT
TO-92
RT9161/A-
CZT



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com