Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9161 Datasheet (PDF) - Richtek Technology Corporation

RT9161 Datasheet PDF - Richtek Technology Corporation
Part # RT9161
Download  RT9161 Download
File Size   260.57 Kbytes
Page   10 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description 300/500mA Low Dropout Linear Voltage Regulator

RT9161 Datasheet (PDF)

Go To PDF Page Download Datasheet
RT9161 Datasheet PDF - Richtek Technology Corporation

Part # RT9161
Download  RT9161 Click to download

File Size   260.57 Kbytes
Page   10 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description 300/500mA Low Dropout Linear Voltage Regulator

RT9161 Datasheet (HTML) - Richtek Technology Corporation


RT9161 Product details

General Description
The RT9161/A is a 300/500mA fixed output voltage low dropout linear regulator. Typical ground current is approximately 110µA, from zero to maximum loading conditions. Wide range of available output voltage fits most of applications. Built-in output current-limiting most thermal-limiting provide maximal protection against any fault conditions.
For ease of application, the RT9161/A comes in the popular 3-pin SOT-89 (300mA), SOT-223 (500mA), or TO-92 packages.

Features
● Low Dropout Voltage of 200mV at Output
   Current 100mA, 450mV at Output Current
   300mA, and 750mV at 500mA Output Current
● Guaranteed 300/500mA Output Current
● Internal 1.5Ω P-MOSFET Draws No Base Current
● Low Ground Current 110µA
● 2% Accuracy Output Voltage
● Input Voltage Range up to 12V
● Extremely Tight Load Regulation
● Fast Transient Response
● Current-limiting and Thermal-limiting

Applications
● Voltage Regulator for LAN Card, CD-ROM, and DVD
● Wireless Communication Systems
● Battery Powered Systems




Similar Part No. - RT9161

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9161-15PX RICHTEK-RT9161-15PX Datasheet
161Kb / 6P
Simple Lithium-Ion Battery Charger
RT9161-30PZL RICHTEK-RT9161-30PZL Datasheet
161Kb / 6P
Simple Lithium-Ion Battery Charger
RT9161-33PV RICHTEK-RT9161-33PV Datasheet
161Kb / 6P
Simple Lithium-Ion Battery Charger
RT9161-33PZL RICHTEK-RT9161-33PZL Datasheet
161Kb / 6P
Simple Lithium-Ion Battery Charger
RT9161-45GV RICHTEK-RT9161-45GV Datasheet
161Kb / 6P
Simple Lithium-Ion Battery Charger
More results


Similar Description - RT9161

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL1088 ANPEC-APL1088 Datasheet
86Kb / 10P
500mA Low Dropout Linear Regulator
logo
Analog Intergrations Co...
AIC1723A AIC-AIC1723A Datasheet
454Kb / 9P
500mA Low Dropout Linear Regulator
logo
Power IC Ltd.
PL0501 PICSEMI-PL0501 Datasheet
267Kb / 10P
500mA Low-Dropout Linear Regulator
logo
IK Semicon Co., Ltd
IL233-XX IKSEMICON-IL233-XX Datasheet
355Kb / 6P
500mA Low Dropout Linear Voltage Regulator
logo
ams AG
AS1363 AMSCO-AS1363 Datasheet
570Kb / 14P
500mA, Low-Dropout Linear Voltage Regulator
logo
Silicon Standard Corp.
SS6735G SSC-SS6735G Datasheet
703Kb / 9P
500mA Low Dropout Linear Regulator
logo
Unisonic Technologies
UR133 UTC-UR133_12 Datasheet
411Kb / 8P
300/500mA LOW DROPOUT LINEAR VOLTAGE REGULATORS
logo
E-Tech Electronics LTD
UR133_A ETL-UR133_A Datasheet
407Kb / 8P
300/500mA LOW DROPOUT LINEAR VOLTAGE REGULATORS
logo
Analog Intergrations Co...
AIC1735 AIC-AIC1735_15 Datasheet
291Kb / 12P
500mA Low Dropout Linear Regulator
logo
Unisonic Technologies
UR133 UTC-UR133_18 Datasheet
346Kb / 8P
300/500mA LOW DROPOUT LINEAR VOLTAGE REGULATORS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com