Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT1608 Datasheet(PDF) 2 Page - Hotchip Technology Co.,Ltd

Part # HT1608
Description  Primary-side feedback PFM converter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOTCHIP [Hotchip Technology Co.,Ltd]
Direct Link  http://www.hotchip.com.cn/English/Index/index.html
Logo HOTCHIP - Hotchip Technology Co.,Ltd

HT1608 Datasheet(HTML) 2 Page - Hotchip Technology Co.,Ltd

  HT1608 Datasheet HTML 1Page - Hotchip Technology Co.,Ltd HT1608 Datasheet HTML 2Page - Hotchip Technology Co.,Ltd HT1608 Datasheet HTML 3Page - Hotchip Technology Co.,Ltd HT1608 Datasheet HTML 4Page - Hotchip Technology Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
HT1608
2
极限参数
OUT to GND……………………………………………………………………………..-0.3V to +9V
VCC to GND…………………………………………………………………………….-0.3V to +9V
Operating TemperatureRange…………………………………………………..-40℃ to +125℃
JunctionTemperatureRange………………………………………………………-40℃
to +150℃
StorageTemperatureRange………………………………………………………..-60℃
to +150℃
Stresses exceeding maximum ratings may damage the device. Maximum ratings are stress ratings only.
Functional operation above the recommended operating conditions is not implied. Extended exposure
to stresses above the recommended operating conditions may affect device reliability.
电气参数
VDD=5V , Vout=5V ,Ta=25℃,
unless otherwise specified
Parameters
Symbol
Test Condition
Min
Typ
Max
Unit
开启电压
UVLO_ON
VDD rising from 0
5
6
7
V
关闭电压
UVLO_OFF
VDD falling after turn on
2.5
3
3.5
V
OC 集电极耐压
V
cbo
--
--
--
650
V
内部电流限值
I
c
VDD=5V
after
turn
on
--
420
--
mA
启动电流
I
start
VDD rising before turn
on
35
43
55
uA
工作电流
I
op
Operation Current
1.5
mA
前沿消隐时间
T
off_max
--
574
887
1290
ns
结温
OTP
--
--
150
--
℃



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com