Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT1608 Datasheet(PDF) 1 Page - Hotchip Technology Co.,Ltd

Part # HT1608
Description  Primary-side feedback PFM converter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOTCHIP [Hotchip Technology Co.,Ltd]
Direct Link  http://www.hotchip.com.cn/English/Index/index.html
Logo HOTCHIP - Hotchip Technology Co.,Ltd

HT1608 Datasheet(HTML) 1 Page - Hotchip Technology Co.,Ltd

  HT1608 Datasheet HTML 1Page - Hotchip Technology Co.,Ltd HT1608 Datasheet HTML 2Page - Hotchip Technology Co.,Ltd HT1608 Datasheet HTML 3Page - Hotchip Technology Co.,Ltd HT1608 Datasheet HTML 4Page - Hotchip Technology Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
HT1608
1
原边反馈 PFM 转换器
功能描述
HT1608 是一款低功耗并具有高性能的原边
PFM 转换器,主要针对充电器而设计,省去外部光
耦和 TL431,同时也省去外部 FB 反馈电压检测
电阻,最大程度的节约了系统成本。HT1608 除了
为用户提供高性价比的 AC/DC 电源系统应用以
外,而且 IC 内部高度集成了欠压保护,过温保护,
开短路保护等功能,使得 IC 的工作寿命大大延长,
HT1608 外部工作电路简单,可以根据客户应用要
求选择不同封装。
特点
 CV 控制模式
 原边控制调节
 省去外部光耦和 TL431,省去外部 FB 反馈检
测电阻
 内部集成 NPN 三极管
 限流保护
 过温保护
 过压保护
 开短路保护
 最大输出功率可达 5W
 采用 T0-126 封装形式
应用范围
 手机等数码产品充电器 / 适配器
 万能充电器
 标准和辅助供电模块
 线性电源和替代 RCC 开关电源的最佳选择
管脚说明
管脚图
序号
名称
功能说明
TO-126
1
VCC
电源正极
2
C
三极管集电极
3
GND
电源负极


Similar Part No. - HT1608

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT1608 HOLTEK-HT1608 Datasheet
524Kb / 11P
2×20 Channel LCD Driver
HT1608L HOLTEK-HT1608L Datasheet
557Kb / 12P
2x 20 Channel LCD Driver
27th Aug 98
More results

Similar Description - HT1608

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
AN-8033 FAIRCHILD-AN-8033 Datasheet
825Kb / 16P
Primary Side Regulated (PSR) Flyback Converter
logo
Texas Instruments
TPS92311 TI1-TPS92311_14 Datasheet
332Kb / 24P
Off-Line Primary Side Sensing Converter with PFC
logo
Shenzhen Winsemi Microe...
WS2585 WINSEMI-WS2585 Datasheet
198Kb / 9P
WS2585 Low Power Primary Side AC/DC Converter
logo
ON Semiconductor
NCP11377 ONSEMI-NCP11377 Datasheet
562Kb / 30P
High Voltage Primary Side High Voltage Primary Side
January, 2018 ??Rev. P2
logo
Taiwan Semiconductor Co...
TS19706CS TSC-TS19706CS Datasheet
344Kb / 9P
Primary-Side Feedback Control
logo
SHENZHEN FUMAN ELECTRON...
FM3322B FUMAN-FM3322B Datasheet
426Kb / 8P
Low power primary feedback controller
logo
Shenzhen Tianyuan Semic...
TP8301 TPOWER-TP8301 Datasheet
581Kb / 6P
High power factor primary side feedback LED constant current driver chip
logo
Shanghai Orient-Chip Te...
OCP8155 ORIENT-CHIP-OCP8155 Datasheet
265Kb / 8P
High Precision Primary-side Feedback Constant Current Converter
Ver 1.0 April. 01, 2013
logo
Wuxi Chipown Micro-elec...
PN8359 CHIPOWN-PN8359 Datasheet
243Kb / 5P
High-precision CC/CV primary-side feedback AC-DC converter
Rev.A
PN8366 CHIPOWN-PN8366 Datasheet
389Kb / 9P
Ultra-low standby power consumption quasi-resonant primary-side feedback AC-DC converter
Rev.A
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com