Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT1608L Datasheet (PDF) - Holtek Semiconductor Inc

HT1608L Datasheet PDF - Holtek Semiconductor Inc
Part # HT1608L
Download  HT1608L Download
File Size   557.72 Kbytes
Page   12 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description 2x 20 Channel LCD Driver

HT1608L Datasheet (PDF)

Go To PDF Page Download Datasheet
HT1608L Datasheet PDF - Holtek Semiconductor Inc

Part # HT1608L
Download  HT1608L Click to download

File Size   557.72 Kbytes
Page   12 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description 2x 20 Channel LCD Driver

HT1608L Datasheet (HTML) - Holtek Semiconductor Inc


HT1608L Product details

General Description
The HT1608L is an LCD driver LSI with 40 output channels using CMOS technology. It is equipped with two sets of 20-bit bidirectional shift registers, 20-bit data latches, 20-bit LCD drivers, and logic control circuits.

Features
• Operating voltage: 2.7V~5.2V
• LCD driving voltage: 3.0V~5.0V
• 40 internal LCD drivers available
• Bias voltage: static to 1/5 bias
• LCD driver with serial/parallel conversion function
• Common or segment driver output by selection

Applications
• Electronic dictionaries
• Portable computers
• Remote controllers
• Calculators




Similar Part No. - HT1608L

ManufacturerPart #DatasheetDescription
logo
Hotchip Technology Co.,...
HT1608 HOTCHIP-HT1608 Datasheet
414Kb / 4P
Primary-side feedback PFM converter
logo
Holtek Semiconductor In...
HT1608 HOLTEK-HT1608 Datasheet
524Kb / 11P
2×20 Channel LCD Driver
More results


Similar Description - HT1608L

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KS0649 SAMSUNG-KS0649 Datasheet
101Kb / 15P
256 CHANNEL TFT-LCD GATE DRIVER
logo
Holtek Semiconductor In...
HT1609L HOLTEK-HT1609L Datasheet
365Kb / 10P
2x 40 Channel LCD Driver
25th Aug 98
logo
Hitachi Semiconductor
HD44100 HITACHI-HD44100 Datasheet
360Kb / 10P
LCD Driver with 40-Channel Outputs
logo
List of Unclassifed Man...
NT3883 ETC1-NT3883 Datasheet
288Kb / 12P
Dot Matrix LCD 80-Channel Driver
logo
Advanced Analogic Techn...
AAT3104 ANALOGICTECH-AAT3104 Datasheet
1Mb / 15P
Low Cost 1x/2x 4 Channel Charge Pump WLED Driver
AAT3105 ANALOGICTECH-AAT3105 Datasheet
1Mb / 15P
Low Cost 1x/2x 4 Channel Charge Pump WLED Driver
logo
ELM Technology Corporat...
ELM901FAA-S ELM-TECH-ELM901FAA-S Datasheet
1Mb / 11P
1A 2x Charge Pump LED Driver
logo
ELM Electronics
ELM901F ELM-ELM901F Datasheet
1Mb / 11P
1A 2x Charge Pump LED Driver
ELM901F-SERIES ELM-ELM901F-SERIES Datasheet
1Mb / 11P
1A 2x Charge Pump LED Driver
logo
LAPIS Semiconductor Co....
ML9058E LAPIS-ML9058E Datasheet
439Kb / 76P
132-Channel LCD Driver
More results




About Holtek Semiconductor Inc


Holtek Semiconductor Inc. is a Taiwanese semiconductor company that specializes in the design and manufacture of microcontrollers, mixed-signal integrated circuits, and other semiconductor products. The company was founded in 1998 and is headquartered in Taipei, Taiwan.

Holtek Semiconductor's products are used in a wide range of applications, including consumer electronics, home appliances, security systems, and industrial automation. The company's product portfolio includes a variety of microcontrollers, such as 8-bit, 16-bit, and 32-bit microcontrollers, as well as mixed-signal integrated circuits, such as power management ICs, motor control ICs, and LED driver ICs.

Holtek Semiconductor is committed to quality and reliability, and it has obtained various certifications, including ISO 9001 and ISO 14001. The company's manufacturing facilities use advanced production equipment and quality control processes to ensure the highest levels of product performance and reliability.

Today, Holtek Semiconductor is recognized as a leading semiconductor company in Taiwan, with a strong reputation for providing high-quality and cost-effective solutions to its customers. The company continues to invest in research and development to stay at the forefront of new technologies and applications in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com