Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT1608L Datasheet(PDF) 5 Page - Holtek Semiconductor Inc

Part # HT1608L
Description  2x 20 Channel LCD Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT1608L Datasheet(HTML) 5 Page - Holtek Semiconductor Inc

  HT1608L Datasheet HTML 1Page - Holtek Semiconductor Inc HT1608L Datasheet HTML 2Page - Holtek Semiconductor Inc HT1608L Datasheet HTML 3Page - Holtek Semiconductor Inc HT1608L Datasheet HTML 4Page - Holtek Semiconductor Inc HT1608L Datasheet HTML 5Page - Holtek Semiconductor Inc HT1608L Datasheet HTML 6Page - Holtek Semiconductor Inc HT1608L Datasheet HTML 7Page - Holtek Semiconductor Inc HT1608L Datasheet HTML 8Page - Holtek Semiconductor Inc HT1608L Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Pad No.
Pad Name I/O
Description
33
CLK2
I
Shift signal for channel 1 on the falling edge and used for channel 2
when MODE is set to VSS (Note 1)
34
VSS
—
Power supply (ground)
35
DL1
I/O Data input/output of channel 1 shift register
36
DR1
I/O Data input/output of channel 1 shift register
37
DL2
I/O Data input/output of channel 2 shift register
38
DR2
I/O Data input/output of channel 2 shift register
39
ALT
I
Alternate signal input for LCD driving waveform
40
SHF1
I
Shift direction selection of channel 1 shift register (Note 2)
41
SHF2
I
Shift direction selection of channel 2 shift register (Note 2)
42
MODE
I
Mode select signal of channel 2 (Note 3)
43, 44
V1, V2
I
LCD bias supply voltage for channels 1 and 2
45, 46
V3, V4
I
LCD bias supply voltage for channel 1
47, 48
V5, V6
I
LCD bias supply voltage for channel 2
49~59
Y39~Y29
O
LCD driver outputs for channel 2
Note 1: Data is processed on the clock falling or rising edge as shown in the following table.
MODE= L (VSS)
MODE= H (VDD)
HT1608L
5
27th Aug ’98



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com