Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT1609L Datasheet (PDF) - Holtek Semiconductor Inc

HT1609L Datasheet PDF - Holtek Semiconductor Inc
Part # HT1609L
Download  HT1609L Download
File Size   365.84 Kbytes
Page   10 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description 2x 40 Channel LCD Driver

HT1609L Datasheet (PDF)

Go To PDF Page Download Datasheet
HT1609L Datasheet PDF - Holtek Semiconductor Inc

Part # HT1609L
Download  HT1609L Click to download

File Size   365.84 Kbytes
Page   10 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description 2x 40 Channel LCD Driver

HT1609L Datasheet (HTML) - Holtek Semiconductor Inc


HT1609L Product details

General Description
The HT1609L is an LCD driver LSI with 2×40 output channels using CMOS technology. It is equipped with two sets of 40-bit bidirectional shift registers, 40-bit data latches, 40-bit LCD drivers, and logic control circuits.
The HT1609L can convert serial data received from an LCD controller into parallel data and send out LCD driving waveforms to the LCD panel. The HT1609L is designed for general purpose LCD drivers. It can drive both static and dynamic drive LCDs. The LSI can be used as segment driver.
   
Features
• Operating voltage: 2.7V~5.2V
• Bias voltage: static~1/5 bias
• LCD driving voltage: 3.0V~5.0V
• 2×40 internal LCD drivers available
• LCD driver with serial/parallel conversion function
   
Applications
• Electronic dictionaries
• Portable computers
• Remote controllers
• Calculators
   




Similar Part No. - HT1609L

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT1602 HOLTEK-HT1602 Datasheet
215Kb / 6P
40 Dot Matrix LCD Segment Driver
28th Aug 98
HT1602L HOLTEK-HT1602L Datasheet
106Kb / 7P
40 Dot Matrix LCD Segment Driver
September 1, 2000
logo
Hotchip Technology Co.,...
HT1606A HOTCHIP-HT1606A Datasheet
866Kb / 6P
Remove external light coupling and TL 431, save external FB feedback detection
HT1608 HOTCHIP-HT1608 Datasheet
414Kb / 4P
Primary-side feedback PFM converter
logo
Holtek Semiconductor In...
HT1608 HOLTEK-HT1608 Datasheet
524Kb / 11P
2×20 Channel LCD Driver
More results


Similar Description - HT1609L

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT1602L HOLTEK-HT1602L Datasheet
106Kb / 7P
40 Dot Matrix LCD Segment Driver
September 1, 2000
HT1608L HOLTEK-HT1608L Datasheet
557Kb / 12P
2x 20 Channel LCD Driver
27th Aug 98
logo
Hitachi Semiconductor
HD44100 HITACHI-HD44100 Datasheet
360Kb / 10P
LCD Driver with 40-Channel Outputs
logo
EM Microelectronic - MA...
V6108 EMMICRO-V6108 Datasheet
1Mb / 8P
40 Segment Static LCD Driver
logo
List of Unclassifed Man...
NT3882 ETC-NT3882 Datasheet
227Kb / 9P
Dot Matrix LCD 40-Channel Driver
SPLC100A1 ETC-SPLC100A1 Datasheet
161Kb / 15P
40-CHANNEL SEG/COM LCD DRIVER
logo
Integral Corp.
IZ0065 INTEGRAL-IZ0065 Datasheet
145Kb / 6P
40 Channel Segment / Common Driver For Dot Matrix LCD
logo
KODENSHI_AUK CORP.
KK0065 KODENSHI-KK0065 Datasheet
198Kb / 6P
40 Channel Segment / Common Driver For Dot Matrix LCD
logo
NXP Semiconductors
PCA85276 NXP-PCA85276 Datasheet
494Kb / 54P
Automotive 40 x 4 LCD driver
Rev. 3-12 November 2018
logo
Neotec Semiconductor Lt...
NT7065B NEOTEC-NT7065B Datasheet
457Kb / 16P
40-Channel Segment / Common Driver For Dot Matrix LCD
Rev1.4 20130222
More results




About Holtek Semiconductor Inc


Holtek Semiconductor Inc. is a Taiwanese semiconductor company that specializes in the design and manufacture of microcontrollers, mixed-signal integrated circuits, and other semiconductor products. The company was founded in 1998 and is headquartered in Taipei, Taiwan.

Holtek Semiconductor's products are used in a wide range of applications, including consumer electronics, home appliances, security systems, and industrial automation. The company's product portfolio includes a variety of microcontrollers, such as 8-bit, 16-bit, and 32-bit microcontrollers, as well as mixed-signal integrated circuits, such as power management ICs, motor control ICs, and LED driver ICs.

Holtek Semiconductor is committed to quality and reliability, and it has obtained various certifications, including ISO 9001 and ISO 14001. The company's manufacturing facilities use advanced production equipment and quality control processes to ensure the highest levels of product performance and reliability.

Today, Holtek Semiconductor is recognized as a leading semiconductor company in Taiwan, with a strong reputation for providing high-quality and cost-effective solutions to its customers. The company continues to invest in research and development to stay at the forefront of new technologies and applications in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com