Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT1609L Datasheet(PDF) 5 Page - Holtek Semiconductor Inc

Part # HT1609L
Description  2x 40 Channel LCD Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT1609L Datasheet(HTML) 5 Page - Holtek Semiconductor Inc

  HT1609L Datasheet HTML 1Page - Holtek Semiconductor Inc HT1609L Datasheet HTML 2Page - Holtek Semiconductor Inc HT1609L Datasheet HTML 3Page - Holtek Semiconductor Inc HT1609L Datasheet HTML 4Page - Holtek Semiconductor Inc HT1609L Datasheet HTML 5Page - Holtek Semiconductor Inc HT1609L Datasheet HTML 6Page - Holtek Semiconductor Inc HT1609L Datasheet HTML 7Page - Holtek Semiconductor Inc HT1609L Datasheet HTML 8Page - Holtek Semiconductor Inc HT1609L Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Pad Description
Pad No.
Pad Name I/O
Description
1
Y0
O
LCD driver output for channel 1
2
VEE
—
LCD power supply
3~6
V1~V4
I
LCD bias supply voltage for LCD driver
7
VSS
—
Power supply (ground)
8
CLK1
I
Clock to latch serial data on the falling edge
(Note 1)
9
SHF1
I
Shift direction selection of channel 1 shift register
(Note 2)
10
SHF2
I
Shift direction selection of channel 2 shift register
(Note 2)
11
VDD
—
Power supply ( positive )
12
CLK2
I
Clock to shift serial data on the falling edge
(Note 1)
13
DL1
I/O Data input/output of channel 1 shift register
14
DR1
I/O Data input/output of channel 1 shift register
15
DL2
I/O Data input/output of channel 2 shift register
16
DR2
I/O Data input/output of channel 2 shift register
17
ALT
I
Alternate signal input for LCD driving waveform
18~57
Y40~Y79
O
LCD driver outputs for channel 2
58~96
Y39~Y1
O
LCD driver outputs for channel 1
Note 1: Data is processed on the clock falling or rising edge as shown in the following table.
HT1609L
5
25th Aug ’98



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com