Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT1609L Datasheet(PDF) 7 Page - Holtek Semiconductor Inc

Part # HT1609L
Description  2x 40 Channel LCD Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT1609L Datasheet(HTML) 7 Page - Holtek Semiconductor Inc

Back Button HT1609L Datasheet HTML 2Page - Holtek Semiconductor Inc HT1609L Datasheet HTML 3Page - Holtek Semiconductor Inc HT1609L Datasheet HTML 4Page - Holtek Semiconductor Inc HT1609L Datasheet HTML 5Page - Holtek Semiconductor Inc HT1609L Datasheet HTML 6Page - Holtek Semiconductor Inc HT1609L Datasheet HTML 7Page - Holtek Semiconductor Inc HT1609L Datasheet HTML 8Page - Holtek Semiconductor Inc HT1609L Datasheet HTML 9Page - Holtek Semiconductor Inc HT1609L Datasheet HTML 10Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
D.C. Characteristics
Ta=25
°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
VDD
Operating Voltage
—
—
2.7
—
5.2
V
IDD
Operating Current
5V
No load
—
100
300
µA
ISTB
Standby Current
5V
—
—
1
5
µA
VIL
“L” Input Voltage
5V
—
—
—
1
V
VIH
“H” Input Voltage
5V
—
4
—
—
V
VOL
“L” Output Voltage
5V
IOL=+0.4mA
—
—
0.4
V
VOH
“H” Output Voltage
5V
IOH=–0.4mA
4.6
—
—
V
VLCD
LCD Driving Voltage
—
VDD–VEE
3—
5.0
V
A.C. Characteristics
Ta=25
°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
fCLK2
Data Shift Frequency
5V
—
—
—
400
kHz
tWCKH
Clock High Level Width
5V
—
800
—
—
ns
tWCKL
Clock Low Level Width
5V
—
800
—
—
ns
tSU
Data Setup Time
5V
—
300
—
—
ns
tDH
Data Hold Time
5V
—
300
—
—
ns
tDD
Data Delay Time
5V
—
—
—
500
ns
tSUC1
Clock Setup Time
5V
CLK2
→ CLK1
500
—
—
ns
tSUC2
Clock Setup Time
5V
CLK1
→ CLK 2
500
—
—
ns
tR/tF
Clock Rise/Fall Time
5V
—
—
—
200
ns
HT1609L
7
25th Aug ’98



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com