Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9218GS Datasheet(PDF) 8 Page - Richtek Technology Corporation

Part # RT9218GS
Description  5V/12V Synchronous Buck PWM DC-DC and Linear Power Controller
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9218GS Datasheet(HTML) 8 Page - Richtek Technology Corporation

Back Button RT9218GS Datasheet HTML 4Page - Richtek Technology Corporation RT9218GS Datasheet HTML 5Page - Richtek Technology Corporation RT9218GS Datasheet HTML 6Page - Richtek Technology Corporation RT9218GS Datasheet HTML 7Page - Richtek Technology Corporation RT9218GS Datasheet HTML 8Page - Richtek Technology Corporation RT9218GS Datasheet HTML 9Page - Richtek Technology Corporation RT9218GS Datasheet HTML 10Page - Richtek Technology Corporation RT9218GS Datasheet HTML 11Page - Richtek Technology Corporation RT9218GS Datasheet HTML 12Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
RT9218
8
DS9218-08 March 2007
www.richtek.com
Dead Time (Falling)
Time (10ns/Div)
UGATE
LGATE
PHASE
VCC = 12V
VIN = 5V
IOUT= 25A
Dead Time (Rising)
Time (25ns/Div)
UGATE
LGATE
PHASE
VCC = VIN = 5V
IOUT= 25A
Power On
Time (500us/Div)
IOUT
UGATE
(10V/Div)
(500mV/Div)
(2A/Div)
SVOUT
Power Off
Time (5ms/Div)
UGATE
SVOUT
VCC
VIN
VCC Switching
Time (10ms/Div)
VCC
IOUT
UGATE
(20V/Div)
(10V/Div)
(100mV/Div)
(10A/Div)
SVOUT
VCC = 12Vto 5V
IOUT= 10A
VIN = 5V
VCC Switching
Time (10ms/Div)
VCC
IOUT
UGATE
(20V/Div)
(10V/Div)
(100mV/Div)
(10A/Div)
SVOUT
VCC = 5V to 12V
IOUT= 10A, VIN = 5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com