Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9218GS Datasheet(PDF) 13 Page - Richtek Technology Corporation

Part # RT9218GS
Description  5V/12V Synchronous Buck PWM DC-DC and Linear Power Controller
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9218GS Datasheet(HTML) 13 Page - Richtek Technology Corporation

Back Button RT9218GS Datasheet HTML 9Page - Richtek Technology Corporation RT9218GS Datasheet HTML 10Page - Richtek Technology Corporation RT9218GS Datasheet HTML 11Page - Richtek Technology Corporation RT9218GS Datasheet HTML 12Page - Richtek Technology Corporation RT9218GS Datasheet HTML 13Page - Richtek Technology Corporation RT9218GS Datasheet HTML 14Page - Richtek Technology Corporation RT9218GS Datasheet HTML 15Page - Richtek Technology Corporation RT9218GS Datasheet HTML 16Page - Richtek Technology Corporation RT9218GS Datasheet HTML 17Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
RT9218
13
DS9218-08 March 2007
www.richtek.com
2. VIN_POR
UGATE will continuously generate a 10kHz colck with
1% duty cycle before VIN is ready. VIN is recognized ready
by detecting VOPS crossing 1.5V four times (rising &
falling). ROCSET must be kept lower than 37.5k
Ω for large
ROCSET will keep VOPS always higher than 1.5V. Figure 6
shows the detail actions of OCP and POR. It is highly
recommend-ed that ROCSET be lower than 30k
Ω.
3. Shutdown
Pulling low the OPS pin by a small single transistor can
shutdown the RT9218 PWM controller as shown in typical
application circuit.
Soft Start
A built-in soft-start is used to prevent surge current from
power supply input during power on. The soft-start voltage
is controlled by an internal digital counter. It clamps the
ramping of reference voltage at the input of error amplifier
and the pulse-width of the output driver slowly. The typical
soft-start duration is 3ms.
1) Mode 1 (SS< Vramp_valley)
Initially the COMP stays in the positive saturation. When
SS< VRAMP_Valley, there is no non-inverting input available
to produce duty width. So there is no PWM signal and
VOUT is zero.
2) Mode 2 (VRAMP_Valley< SS< Cross-over)
When SS>VRAMP_Valley, SS takes over the non-inverting
input and produce the PWM signal and the increasing
duty width according to its magnitude above the ramp
signal. The output follows the ramp signal, SS. However
while VOUT increases, the difference between VOUT and
SSE
(SS
− VGS) is reduced and COMP leaves the
saturation and declines. The takeover of SS lasts until it
meets the COMP. During this interval, since the feedback
path is broken, the converter is operated in the open loop.
3) Mode3 ( Cross-over< SS < VGS + VREF)
When the Comp takes over the non-inverting input for PWM
Amplifier and when SSE (SS
− VGS) < VREF, the output of
the converter follows the ramp input, SSE (SS
− VGS).
Before the crossover, the output follows SS signal. And
when Comp takes over SS, the output is expected to follow
SSE (SS
− VGS). Therefore the deviation of VGS is
represented as the falling of VOUT for a short while. The
COMP is observed to keep its decline when it passes the
cross-over, which shortens the duty width and hence the
falling of VOUT happens.
Since there is a feedback loop for the error amplifier, the
output’ s response to the ramp input, SSE (SS
− VGS) is
lower than that in Mode 2.
4) Mode 4 (SS > VGS + VREF)
When SS > VGS + VREF, the output of the converter follows
the desired VREF signal and the soft start is completed
now.
COMP
VCORE
SSE_Internal
SS_Internal
Cross-over
VRAMP_Valley
Figure 6. OCP and VIN_POR actions
-
+
+
-
OC
V
IN POR_H
PHASE
UGATE
OPS
PHASE_M
1.5V
10pF
Q2
R
OCSET
Cparasitic
DISABLE
1st 2nd 3rd 4th OPS
waveform
(1) Internal Counter will count (V
OPS > 1.5V)
four times (rising & falling) to recognize
V
IN is ready.
(2) R
OCSET can be set too large. Or can
  
detect V
IN is ready (counter = 1, not equal 4)
3V
0.4V
40uA
+
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com