Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9243GS Datasheet(PDF) 7 Page - Richtek Technology Corporation

Part # RT9243GS
Description  Multi-Phase PWM Controller for CPU Core Power Supply
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9243GS Datasheet(HTML) 7 Page - Richtek Technology Corporation

Back Button RT9243GS Datasheet HTML 3Page - Richtek Technology Corporation RT9243GS Datasheet HTML 4Page - Richtek Technology Corporation RT9243GS Datasheet HTML 5Page - Richtek Technology Corporation RT9243GS Datasheet HTML 6Page - Richtek Technology Corporation RT9243GS Datasheet HTML 7Page - Richtek Technology Corporation RT9243GS Datasheet HTML 8Page - Richtek Technology Corporation RT9243GS Datasheet HTML 9Page - Richtek Technology Corporation RT9243GS Datasheet HTML 10Page - Richtek Technology Corporation RT9243GS Datasheet HTML 11Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
RT9243
7
DS9243-07 March 2007
www.richtek.com
Absolute Maximum Ratings
(Note 1)
Supply Voltage, VCC -------------------------------------------------------------------------------------------- 7V
Input, Output or I/O Voltage ----------------------------------------------------------------------------------- GND-0.3V to VCC+0.3V
Package Thermal Resistance
SOP-32,
θJA ------------------------------------------------------------------------------------------------------ 50°C/W
Junction Temperature ------------------------------------------------------------------------------------------- 150
°C
Lead Temperature (Soldering, 10 sec.) --------------------------------------------------------------------- 260
°C
Storage Temperature Range ----------------------------------------------------------------------------------
−65°C to 150°C
ESD Susceptibility (Note 2)
HBM (Human Body Mode) ------------------------------------------------------------------------------------ 2kV
MM (Machine Mode) -------------------------------------------------------------------------------------------- 200V
Electrical Characteristics
Recommended Operating Conditions (Note 3)
Supply Voltage, VCC -------------------------------------------------------------------------------------------- 5V
± 10%
Ambient Temperature Range ---------------------------------------------------------------------------------- 0
°C to 70°C
Junction Temperature Range ---------------------------------------------------------------------------------- 0
°C to 125°C
To be continued
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
VCC Supply Current
Nominal Supply Current
ICC
PWM 1,2,3,4 Open
--
12
16
mA
Power-On Reset
POR Threshold
VCCRTH
VCC Rising
4.0
4.2
4.5
V
Hysteresis
VCCHYS
0.2
0.5
--
V
Trip (Low to High)
VDVDTP
Enable
1.9
2.0
2.1
V
VDVD Threshold
Hysteresis
VDVDHYS
--
100
--
mV
Oscillator
Free Running Frequency
fOSC
RRT = 12kΩ
170
200
230
kHz
Frequency Adjustable Range
fOSC_ADJ
50
--
400
kHz
Ramp Amplitude
ΔVOSC
RRT = 12kΩ
--
1.9
--
V
Ramp Valley
VRV
0.7
1.0
--
V
Maximum On-Time of Each Channel
62
66
75
%
RT Pin Voltage
VRT
RRT = 12kΩ
0.55
0.60
0.65
V
Reference and DAC
VDAC ≥ 1V
−1
--
+1
%
DACOUT Voltage Accuracy
ΔVDAC
VDAC < 1V
−10
--
+10
mV
DAC (VID0-VID125) Input Low
VILDAC
--
--
0.4
V
DAC (VID0-VID125) Input High
VIHDAC
0.8
--
--
V
(VCC = 5V, TA = 25°C, unless otherwise specified)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com