Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9243GS Datasheet(PDF) 14 Page - Richtek Technology Corporation

Part # RT9243GS
Description  Multi-Phase PWM Controller for CPU Core Power Supply
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9243GS Datasheet(HTML) 14 Page - Richtek Technology Corporation

Back Button RT9243GS Datasheet HTML 10Page - Richtek Technology Corporation RT9243GS Datasheet HTML 11Page - Richtek Technology Corporation RT9243GS Datasheet HTML 12Page - Richtek Technology Corporation RT9243GS Datasheet HTML 13Page - Richtek Technology Corporation RT9243GS Datasheet HTML 14Page - Richtek Technology Corporation RT9243GS Datasheet HTML 15Page - Richtek Technology Corporation RT9243GS Datasheet HTML 16Page - Richtek Technology Corporation RT9243GS Datasheet HTML 17Page - Richtek Technology Corporation RT9243GS Datasheet HTML 18Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
RT9243
14
DS9243-07 March 2007
www.richtek.com
3-Phase Converter and Components Function Grouping
Design Procedure Suggestion
a. Output filter pole and zero (Inductor, output capacitor
value & ESR).
b. Error amplifier compensation & sawtooth wave amp-
litude (compensation network).
c. Kelvin sense for VCORE.
Current Loop Setting
a. GM amplifier S/H current (current sense component
Ron, ISPx & ISNx pin external resistor value, keep
ISPx current < 60
μA at full load condition for better
load line linearity).
b. Over-current protection trip point (Internal setting,
keep ISPx current < 100
μA at OCP condition for
precision issue).
VRM Load Line Setting
a. Droop amplitude (ADJ pin resistor).
b. No load offset (additional resistor in compensation
network).
c. DAC offset voltage setting (VOSS pin & compen-
sation network resistor).
Power Sequence & SS
DVD pin external resistor and SS pin capacitor.
PCB Layout
a. Kelvin sense for current sense GM amplifier input.
b. Refer to layout guide for other item.
Voltage Loop Setting
PWM1
ISP1
RT9243
COMP
FB
ADJ
ISN1
PWM2
ISP2
GND
VOSS
DVD
ISN2
PWM3
RT
SS
ISP3
12V
VCC
PWM
GND
BOOT
UGATE
PHASE
LGATE
RT9600
V
CORE
12V
VID
Compensation
& Offset
Droop Setting
Driver Power
UVLO
DAC Offset
Voltage Setting
Frequency
Setting
SGND
VSEN
VDIF
PVCC
VCC
PWM
GND
BOOT
UGATE
PHASE
LGATE
RT9600
PVCC
VCC
PWM
GND
BOOT
UGATE
PHASE
LGATE
RT9600
PVCC
12V
12V
ISN3
Current Sense
Components
OVP
PGOOD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com