Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9245PC Datasheet(PDF) 19 Page - Richtek Technology Corporation

Part # RT9245PC
Description  Multi-Phase PWM Controller for CPU Core Power Supply
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9245PC Datasheet(HTML) 19 Page - Richtek Technology Corporation

Back Button RT9245PC Datasheet HTML 14Page - Richtek Technology Corporation RT9245PC Datasheet HTML 15Page - Richtek Technology Corporation RT9245PC Datasheet HTML 16Page - Richtek Technology Corporation RT9245PC Datasheet HTML 17Page - Richtek Technology Corporation RT9245PC Datasheet HTML 18Page - Richtek Technology Corporation RT9245PC Datasheet HTML 19Page - Richtek Technology Corporation RT9245PC Datasheet HTML 20Page - Richtek Technology Corporation RT9245PC Datasheet HTML 21Page - Richtek Technology Corporation RT9245PC Datasheet HTML 22Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 19 / 22 page
background image
RT9245
19
DS9245-06
March 2007
www.richtek.com
Layout Guide
Place the high-power switching components first, and separate them from sensitive nodes.
1. Most critical path: the current sense circuit is the most sensitive part of the converter. The current sense
resistors tied to CSP1,2,3,4 and CSN should be located not more than 0.5 inch from the IC and away from
the noise switching nodes. The PCB trace of sense nodes should be parallel and as short as possible.
Kelvin connection of the sense component (additional sense resistor or Inductor DCR) ensures the accurate
stable current sensing.
Keep well Kelvin sense to ensure the stable operation!
2. Switching ripple current path:
a. Input capacitor to high side MOSFET.
b. Low side MOSFET to output capacitor.
c. The return path of input and output capacitor.
d. Separate the power and signal GND.
e. The switching nodes (the connection node of high/low side MOSFET and inductor) is the most noisy points.
Keep them away from sensitive small-signal node.
f. Reduce parasitic R, L by minimum length, enough copper thickness and avoiding of via.
3. MOSFET driver should be closed to MOSFET.
4. The compensation, bypass and other function setting components should be near the IC and away from the noisy
power path.
Figure 28. The Loop Gain of Converter
0dB
-180
°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com