Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9245PC Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT9245PC
Description  Multi-Phase PWM Controller for CPU Core Power Supply
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9245PC Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT9245PC Datasheet HTML 1Page - Richtek Technology Corporation RT9245PC Datasheet HTML 2Page - Richtek Technology Corporation RT9245PC Datasheet HTML 3Page - Richtek Technology Corporation RT9245PC Datasheet HTML 4Page - Richtek Technology Corporation RT9245PC Datasheet HTML 5Page - Richtek Technology Corporation RT9245PC Datasheet HTML 6Page - Richtek Technology Corporation RT9245PC Datasheet HTML 7Page - Richtek Technology Corporation RT9245PC Datasheet HTML 8Page - Richtek Technology Corporation RT9245PC Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
RT9245
1
DS9245-06
March 2007
www.richtek.com
Multi-Phase PWM Controller for CPU Core Power Supply
General Description
RT9245 is a multi-phase buck DC/DC controller integrated
with all control functions for Intel® GHz CPU which is
VRD10.X-compliant. The RT9245 could be operated with
2, 3 or 4 buck switching stages operating in interleaved
phase set automatically. The multiphase architecture
provides high output current while maintaining low power
dissipation on power devices and low stress on input and
output capacitors. The high equivalent operating frequency
also reduces the component dimension and the output
voltage ripple in load transient.
RT9245 implements both voltage and current loops to
achieve good regulation, response and power stage
thermal balance.
RT9245 applies the DCR sensing technology newly. The
RT9245 extracts the ESR of output inductor as sense
component to deliver a precise load line regulation and
good thermal balance for next generation processor
application.
Current sense setting, droop tuning, VCORE initial offset
and over current protection are independent on
compensation circuit of voltage loop. The feature greatly
facilitates the flexibility of CPU power supply design and
tuning. The DAC output of RT9245 supports VRD10.x with
6-bit VID input, precise offset value & smooth VCORE
transient at VID jump. The IC monitors the VCORE voltage
for PGOOD and over-voltage protection. Soft-start, over-
current protection and programmable under-voltage lockout
are also provided to assure the safety of microprocessor
and power system. The RT9245 comes to a small footprint
package TSSOP-28.
Features
Multi-Phase Power Conversion with Automatic
Phase Selection
6-bits VRD10.x DAC Output with Active Droop
Compensation for Fast Load Transient
Smooth VCORE Transition at VID Jump
Power Stage Thermal Balance by DCR Current
Sense
Hiccup Mode Over-Current Protection
Programmable Switching Frequency (50kHz to
400kHz per Phase), Under-Voltage Lockout and Soft-
Start
High Ripple Frequency Times Channel Number
28-TSSOP Package
RoHS Compliant and 100% Lead (Pb)-Free
Applications
Intel® Processors Voltage Regulator : VRD10.x
Low Output Voltage, High Current DC-DC Converters
Voltage Regulator Modules
Pin Configurations
(TOP VIEW)
TSSOP-28
Ordering Information
VID4
VID3
VID2
VID1
VID0
VID125
SGND
FB
COMP
PGOOD
VCC
PWM1
PWM2
PWM3
PWM4
CSP4
CSP2
CSP3
CSP1
GND
DVD
SS
RT
VOSS
ADJ
NC
CSN
IMAX
6
7
821
22
23
9
10
11
18
19
20
12
13
14
16
15
17
4
524
25
26
2
3
27
28
Note :
RichTek Pb-free and Green products are :
RoHS compliant and compatible with the current require-
ments of IPC/JEDEC J-STD-020.
Suitable for use in SnPb or Pb-free soldering processes.
100% matte tin (Sn) plating.
RT9245
Package Type
C : TSSOP-28
Operating Temperature Range
P : Pb Free with Commercial Standard
G : Green (Halogen Free with Commer-
cial Standard)


Similar Part No. - RT9245PC

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9245A RICHTEK-RT9245A Datasheet
543Kb / 25P
Multi-Phase PWM Controller for CPU Core Power Supply
RT9245AGC RICHTEK-RT9245AGC Datasheet
543Kb / 25P
Multi-Phase PWM Controller for CPU Core Power Supply
RT9245APC RICHTEK-RT9245APC Datasheet
543Kb / 25P
Multi-Phase PWM Controller for CPU Core Power Supply
RT9245B RICHTEK-RT9245B Datasheet
584Kb / 23P
Multi-Phase PWM Controller for K8 CPU Core Power Supply
RT9245BGC RICHTEK-RT9245BGC Datasheet
584Kb / 23P
Multi-Phase PWM Controller for K8 CPU Core Power Supply
More results

Similar Description - RT9245PC

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9243 RICHTEK-RT9243 Datasheet
487Kb / 18P
Multi-Phase PWM Controller for CPU Core Power Supply
RT9246 RICHTEK-RT9246 Datasheet
382Kb / 17P
Multi-Phase PWM Controller for CPU Core Power Supply
RT9246A RICHTEK-RT9246A Datasheet
281Kb / 16P
Multi-Phase PWM Controller for CPU Core Power Supply
RT9247 RICHTEK-RT9247 Datasheet
330Kb / 15P
Multi-Phase PWM Controller for CPU Core Power Supply
RT9248 RICHTEK-RT9248 Datasheet
325Kb / 14P
Multi-Phase PWM Controller for CPU Core Power Supply
RT8856 RICHTEK-RT8856 Datasheet
373Kb / 23P
Multi-Phase PWM Controller for CPU Core Power Supply
RT3607CE RICHTEK-RT3607CE Datasheet
959Kb / 69P
Multi-Phase PWM Controller for CPU Core Power Supply
RT8859M RICHTEK-RT8859M_14 Datasheet
729Kb / 51P
Multi-Phase PWM Controller for CPU Core Power Supply
RT8884C RICHTEK-RT8884C Datasheet
692Kb / 46P
Multi-Phase PWM Controller for CPU Core Power Supply
RT3607CJ RICHTEK-RT3607CJ Datasheet
1,001Kb / 69P
Multi-Phase PWM Controller for CPU Core Power Supply
June 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com