Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9246PC Datasheet(PDF) 8 Page - Richtek Technology Corporation

Part # RT9246PC
Description  Multi-Phase PWM Controller for CPU Core Power Supply
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9246PC Datasheet(HTML) 8 Page - Richtek Technology Corporation

Back Button RT9246PC Datasheet HTML 4Page - Richtek Technology Corporation RT9246PC Datasheet HTML 5Page - Richtek Technology Corporation RT9246PC Datasheet HTML 6Page - Richtek Technology Corporation RT9246PC Datasheet HTML 7Page - Richtek Technology Corporation RT9246PC Datasheet HTML 8Page - Richtek Technology Corporation RT9246PC Datasheet HTML 9Page - Richtek Technology Corporation RT9246PC Datasheet HTML 10Page - Richtek Technology Corporation RT9246PC Datasheet HTML 11Page - Richtek Technology Corporation RT9246PC Datasheet HTML 12Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
RT9246
8
DS9246-06
March 2007
www.richtek.com
Typical Operating Characteristics
PWM2
IPWM1
IPWM3
IPWM2
PWM1
PWM3
Current Balance
Time (1us/Div)
(5V/Div)
(5A/Div)
ILOAD = 60A
SS
IPWM1
IPWM3
IPWM2
Current Balance @ Soft Start
Time (10ms/Div)
(5V/Div)
(5A/Div)
ILOAD = 30A
IPWM1
IPWM3
IPWM2
Current Balance @ Soft Start
Time (10ms/Div)
(5V/Div)
(0.5A/Div)
SS
ILOAD = 0A
DVD Disable
Time (2ms/Div)
SS
DVD
PGOOD
VCORE
(1V/Div)
(200mV/Div)
(500mV/Div)
(200mV/Div)
DVD Enable
Time (4ms/Div)
DVD
PGOOD
VCORE
(200mV/Div)
(500mV/Div)
(200mV/Div)
SS
(1V/Div)
PWM2
IPWM1
IPWM3
IPWM2
PWM1
PWM3
Current Balance
Time (1us/Div)
(5V/Div)
(2.5A/Div)
ILOAD = 30A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com