Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9246PC Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT9246PC
Description  Multi-Phase PWM Controller for CPU Core Power Supply
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9246PC Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT9246PC Datasheet HTML 1Page - Richtek Technology Corporation RT9246PC Datasheet HTML 2Page - Richtek Technology Corporation RT9246PC Datasheet HTML 3Page - Richtek Technology Corporation RT9246PC Datasheet HTML 4Page - Richtek Technology Corporation RT9246PC Datasheet HTML 5Page - Richtek Technology Corporation RT9246PC Datasheet HTML 6Page - Richtek Technology Corporation RT9246PC Datasheet HTML 7Page - Richtek Technology Corporation RT9246PC Datasheet HTML 8Page - Richtek Technology Corporation RT9246PC Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
RT9246
1
DS9246-06
March 2007
www.richtek.com
Multi-Phase PWM Controller for CPU Core Power Supply
Ordering Information
General Description
The RT9246 is a multi-phase buck DC/DC controller
integrated with all control functions for GHz CPU VRM.
The RT9246 controls 2 or 3 buck switching stages
operating in interleaved phase set automatically. The multi-
phase architecture provides high output current while
maintaining low power dissipation on power devices and
low stress on input and output capacitors. The high
equivalent operating frequency also reduces the
component dimension and the output voltage ripple in load
transient.
RT9246 controls both voltage and current loops to achieve
good regulation, response & power stage thermal balance.
Precise current loop using RDS(ON) as sense component
builds precise load line for strict VRM DC & transient
specification and also ensures thermal balance of different
power stages. The settings of current sense, droop tuning,
VCORE initial offset and over current protection are
independent to compensation circuit of voltage loop. The
feature greatly facilitates the flexibility of CPU power supply
design and tuning.
The DAC output of RT9246 supports K8 CPU by 5-bit VID
input, precise initial value & smooth VCORE transient at
VID jump. The IC monitors the VCORE voltage for PGOOD
and over-voltage protection. Soft-start, over-current
protection and programmable under-voltage lockout are
also provided to assure the safety of microprocessor and
power system.
Features
Multi-Phase Power Conversion with Automatic
Phase Selection
K8 DAC Output with Active Droop Compensation
for Fast Load Transient
Smooth VCORE Transition at VID Jump
Power Stage Thermal Balance by RDS(ON) Current
Sense
Hiccup Mode Over-Current Protection
Programmable Switching Frequency (50kHz to
400kHz per Phase), Under-Voltage Lockout and
Soft-Start
High Ripple Frequency Times Channel Number
RoHS Compliant and 100% Lead (Pb)-Free
Applications
AMD® AthlonTM 64 and OpteronTM Processors Voltage
Regulator
Low Output Voltage, High Current DC-DC Converters
Voltage Regulator Modules
Pin Configurations
(TOP VIEW)
TSSOP-28
VID4
VID3
VID1
VID0
ISN1
PWM3
PWM2
VCC
SS2
SGND
ISP2
ISP1
PWM1
ISP3
COMP
PGOOD
GND
ISN23
DVD
SS
VDIF
ADJ
RT
VOSS
IMAX
VSEN
VID2
FB
6
7
8
17
18
19
9
10
11
15
16
12
13
14
4
5
20
21
22
2
3
23
24
25
26
27
28
Note :
RichTek Pb-free and Green products are :
RoHS compliant and compatible with the current require-
ments of IPC/JEDEC J-STD-020.
Suitable for use in SnPb or Pb-free soldering processes.
100% matte tin (Sn) plating.
RT9246
Package Type
C : TSSOP-28
Operating Temperature Range
P : Pb Free with Commercial Standard
G : Green (Halogen Free with Commer-
cial Standard)


Similar Part No. - RT9246PC

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9246A RICHTEK-RT9246A Datasheet
281Kb / 16P
Multi-Phase PWM Controller for CPU Core Power Supply
RT9246AGC RICHTEK-RT9246AGC Datasheet
281Kb / 16P
Multi-Phase PWM Controller for CPU Core Power Supply
RT9246APC RICHTEK-RT9246APC Datasheet
281Kb / 16P
Multi-Phase PWM Controller for CPU Core Power Supply
More results

Similar Description - RT9246PC

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9243 RICHTEK-RT9243 Datasheet
487Kb / 18P
Multi-Phase PWM Controller for CPU Core Power Supply
RT9245 RICHTEK-RT9245 Datasheet
421Kb / 22P
Multi-Phase PWM Controller for CPU Core Power Supply
RT9246A RICHTEK-RT9246A Datasheet
281Kb / 16P
Multi-Phase PWM Controller for CPU Core Power Supply
RT9247 RICHTEK-RT9247 Datasheet
330Kb / 15P
Multi-Phase PWM Controller for CPU Core Power Supply
RT9248 RICHTEK-RT9248 Datasheet
325Kb / 14P
Multi-Phase PWM Controller for CPU Core Power Supply
RT8856 RICHTEK-RT8856 Datasheet
373Kb / 23P
Multi-Phase PWM Controller for CPU Core Power Supply
RT3607CE RICHTEK-RT3607CE Datasheet
959Kb / 69P
Multi-Phase PWM Controller for CPU Core Power Supply
RT8859M RICHTEK-RT8859M_14 Datasheet
729Kb / 51P
Multi-Phase PWM Controller for CPU Core Power Supply
RT8884C RICHTEK-RT8884C Datasheet
692Kb / 46P
Multi-Phase PWM Controller for CPU Core Power Supply
RT3607CJ RICHTEK-RT3607CJ Datasheet
1,001Kb / 69P
Multi-Phase PWM Controller for CPU Core Power Supply
June 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com