Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9259GS Datasheet(PDF) 3 Page - Richtek Technology Corporation

Part # RT9259GS
Description  12V Synchronous Buck PWM DC-DC and Linear Power Controller
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9259GS Datasheet(HTML) 3 Page - Richtek Technology Corporation

  RT9259GS Datasheet HTML 1Page - Richtek Technology Corporation RT9259GS Datasheet HTML 2Page - Richtek Technology Corporation RT9259GS Datasheet HTML 3Page - Richtek Technology Corporation RT9259GS Datasheet HTML 4Page - Richtek Technology Corporation RT9259GS Datasheet HTML 5Page - Richtek Technology Corporation RT9259GS Datasheet HTML 6Page - Richtek Technology Corporation RT9259GS Datasheet HTML 7Page - Richtek Technology Corporation RT9259GS Datasheet HTML 8Page - Richtek Technology Corporation RT9259GS Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
RT9259
3
DS9259-03T00
August 2007
www.richtek.com
Function Block Diagram
Driver
Logic
GND
LGATE
BOOT
UGATE
PHASE
Soft-Start
&
Fault Logic
Oscillator
Power
On Reset
VCC12
FB
Voltage
Reference
Bias
EA
+
-
PWM
+
-
+
POR
SSE
5V
Regulator
+
-
+
-
+
-
+
VCC12
0.4V
FBL
DRV
RT_DIS
Shutdown
Inhibit
SSE
COMP
PGND
-
+
5VDD
+
-
PH_M
OC
40uA
1.5V
V
REF1
V
REF2
0.4V
R
OCSET
20k
Pin No.
RT9259 S RT9259 A
RT9259PQV
Pin Name
Pin Function
6
6
4
FBL
Linear regulator feedback voltage. This pin is the inverting
input of the LDO error amplifier and protection monitor.
Connect this pin to an external resistor divider network of
the linear regulator.
7
7, 8
5
GND
Ground.
8
9, 10
7
VCC12
Connect this pin to a well-decoupled 12V bias supply. It is
also the positive supply for the lower gate driver, LGATE.
9, 10
11, 12
6, 8, 9, 10,
Exposed Pad (17)
NC
No Internal Connection.
11
13
11
LGATE
Lower gate driver output. Connect to the gate of the
low-side power N-MOSFET. This pin is monitored by the
adaptive shoot-through protection circuitry to determine
when the lower MOSFET has turned off.
12
14
12
PGND
Power ground return for the lower gate driver.
13
15
13
PHASE
Connect this pin to the source of the upper MOSFET and
the drain of the lower MOSFET. This pin is monitored by the
adaptive shoot-through protection circuitry to determine
when the upper MOSFET has turned off.
14
16
14
UGATE
Connect this pin to a well-decoupled 12V bias supply. It is
also the positive supply for the lower gate driver, LGATE.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com