Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9259GS Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT9259GS
Description  12V Synchronous Buck PWM DC-DC and Linear Power Controller
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9259GS Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT9259GS Datasheet HTML 1Page - Richtek Technology Corporation RT9259GS Datasheet HTML 2Page - Richtek Technology Corporation RT9259GS Datasheet HTML 3Page - Richtek Technology Corporation RT9259GS Datasheet HTML 4Page - Richtek Technology Corporation RT9259GS Datasheet HTML 5Page - Richtek Technology Corporation RT9259GS Datasheet HTML 6Page - Richtek Technology Corporation RT9259GS Datasheet HTML 7Page - Richtek Technology Corporation RT9259GS Datasheet HTML 8Page - Richtek Technology Corporation RT9259GS Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
RT9259
1
DS9259-03T00
August 2007
www.richtek.com
Features
Single 12V Bias Supply
Support Dual Channel Power Conversion
One Synchronous Rectified Buck PWM Controller
One Linear Controller
Both Controllers Drive Low Cost N-MOSFETs
Adjustable Frequency from 150kHz to 1MHz
and Free-Run Frequency at 230kHz
Small External Component Count
Output Voltage Regulation
PWM Controller :
±±±±±1% Accuracy
LDO Controller :
±±±±±2% Accuracy
Two Internal VREF Power Support Lower to 0.8V
Adjustable External Compensation
Linear Controller Drives N-MOSFET Pass
Transistor
Fully-Adjustable Outputs
Under Voltage Protection for Both Outputs
Over Current Fault Monitor on MOSFET; No Current
Sense Resistor is Required.
RoHS Compliant and 100% Lead (Pb)-Free
12V Synchronous Buck PWM DC-DC and
Linear Power Controller
Ordering Information
General Description
The RT9259 is a dual-channel DC/DC controller specifically
designed to deliver high quality power where 12V power
source is available. This part consists of a synchronous
buck controller and an LDO controller. The synchronous
buck controller integrates MOSFET drivers that support
12V+12V bootstrapped voltage for high efficiency power
conversion. The bootstrap diode is built-in to simplify the
circuit design and minimize external part count. The LDO
controller drives an external N-MOSFET for lower power
requirement.
Other features include adjustable operation frequency,
internal soft start, under voltage protection, over current
protection and shut down function. With the above
functions, this part provides customers a compact, high
efficiency, well-protected and cost-effective solution. This
part comes to VQFN-16L 4x4, SOP14 and SSOP-16
packages.
Applications
Graphic Card GPU, Memory Core Power
Graphic Card Interface Power
Motherboard, Desktop and Servers Chipset and Memory
Core Power
IA Equipments
Telecomm Equipments
High Power DC-DC Regulators
Note :
Richtek Pb-free and Green products are :
RoHS compliant and compatible with the current require-
ments of IPC/JEDEC J-STD-020.
Suitable for use in SnPb or Pb-free soldering processes.
100% matte tin (Sn) plating.
Marking Information
For marking information, contact our sales representative
directly or through a Richtek distributor located in your
area, otherwise visit our website for detail.
Package Type
S : SOP-14
A : SSOP-16
QV : VQFN-16 4x4 (V-Type)
RT9259
Operating Temperature Range
P : Pb Free with Commercial Standard
G : Green (Halogen Free with Commer-
cial Standard)


Similar Part No. - RT9259GS

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9259A RICHTEK-RT9259A Datasheet
243Kb / 14P
12V Synchronous Buck PWM DC-DC and Linear Power Controller
RT9259AGS RICHTEK-RT9259AGS Datasheet
243Kb / 14P
12V Synchronous Buck PWM DC-DC and Linear Power Controller
RT9259APS RICHTEK-RT9259APS Datasheet
243Kb / 14P
12V Synchronous Buck PWM DC-DC and Linear Power Controller
RT9259C RICHTEK-RT9259C Datasheet
303Kb / 15P
12V Synchronous Buck PWM DC-DC and Linear Power Controller
RT9259CGA RICHTEK-RT9259CGA Datasheet
303Kb / 15P
12V Synchronous Buck PWM DC-DC and Linear Power Controller
More results

Similar Description - RT9259GS

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9214 RICHTEK-RT9214 Datasheet
345Kb / 17P
5V/12V Synchronous Buck PWM DC-DC Controller
RT9218 RICHTEK-RT9218 Datasheet
403Kb / 18P
5V/12V Synchronous Buck PWM DC-DC and Linear Power Controller
RT9218B RICHTEK-RT9218B Datasheet
389Kb / 17P
12V Synchronous Buck PWM DC-DC and Linear Power Controller
RT9259A RICHTEK-RT9259A Datasheet
243Kb / 14P
12V Synchronous Buck PWM DC-DC and Linear Power Controller
RT9259C RICHTEK-RT9259C Datasheet
303Kb / 15P
12V Synchronous Buck PWM DC-DC and Linear Power Controller
logo
Monolithic Power System...
MP2910 MPS-MP2910 Datasheet
742Kb / 15P
Synchronous Buck PWM DC-DC and Linear Power Controller
logo
Unisonic Technologies
USR1101 UTC-USR1101 Datasheet
152Kb / 6P
5V/12V SYNCHRONOUS BUCK PWM DC-DC CONTROLLER
USR1101 UTC-USR1101_15 Datasheet
170Kb / 5P
5V/12V SYNCHRONOUS BUCK PWM DC-DC CONTROLLER
logo
Monolithic Power System...
EV2910ES-00A MPS-EV2910ES-00A Datasheet
348Kb / 5P
5V/12V Synchronous Buck PWM DC/DC and Linear Power Controller EV Board
logo
Richtek Technology Corp...
RT8105 RICHTEK-RT8105 Datasheet
216Kb / 12P
5V/12V Synchronous Buck PWM DC/DC Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com