Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV7403 Datasheet(PDF) 13 Page - Analog Devices

Part # ADV7403
Description  12-Bit, Integrated, Multiformat SDTV/HDTV Video Decoder and RGB Graphics Digitizer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7403 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADV7403 Datasheet HTML 9Page - Analog Devices ADV7403 Datasheet HTML 10Page - Analog Devices ADV7403 Datasheet HTML 11Page - Analog Devices ADV7403 Datasheet HTML 12Page - Analog Devices ADV7403 Datasheet HTML 13Page - Analog Devices ADV7403 Datasheet HTML 14Page - Analog Devices ADV7403 Datasheet HTML 15Page - Analog Devices ADV7403 Datasheet HTML 16Page - Analog Devices ADV7403 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
ADV7403
Rev. SpA | Page 13 of 24
DETAILED FUNCTIONALITY
ANALOG FRONT END
•
Four 140 MHz (ADV7403KSTZ-140), Noise Shaped Video,
12-bit ADCs enable true 10-bit video decoder
•
12 analog input channel mux enables multisource
connection without the requirement of an external mux
•
Four current and voltage clamp control loops ensure any
dc offsets are removed from the video signal
•
SCART functionality and SD RGB overlay on CVBS
controlled by fast blank input
•
Four antialias filters to remove out of band noise on
standard definition input video signals.
SDP PIXEL DATA OUTPUT MODES
•
8-/10-bit ITU-R BT.656 4:2:2 YCrCb with embedded time
codes and/or HS, VS, and FIELD
•
16-/20-bit YCrCb with embedded time codes and/or HS,
VS, and FIELD
•
24-/30-bit YCrCb with embedded time codes and/or HS,
VS, and FIELD
CP PIXEL DATA OUTPUT MODES
•
Single data rate (SDR) 8-/10-bit 4:2:2 YCrCb for 525i, 625i
•
Single data rate (SDR) 16-/20-bit 4:2:2 YCrCb for all
standards
•
Single data rate (SDR) 24-/30-bit 4:4:4 YCrCb/RGB for all
standards
•
Double data rate (DDR) 8-/10-bit 4:2:2 YCrCb for all
standards
•
Double data rate (DDR) 12-bit 4:4:4 YCrCb/RGB for all
standards
COMPOSITE AND S-VIDEO PROCESSING
•
Support for NTSC (J, M, 4.43), PAL (B, D, I, G, H, M, N,
60) and SECAM B/D/G/K/L standards in the form of
CVBS and S-video
•
Superadaptive 2D 5-line comb filters for NTSC and PAL
give superior chrominance and luminance separation for
composite video
•
Full automatic detection and autoswitching of all
worldwide standards (PAL/NTSC/SECAM)
•
Automatic gain control with white peak mode ensures
the video is always processed without loss of the video
processing range
•
Adaptive digital line length tracking (ADLLT™)
•
Proprietary architecture for locking to weak, noisy, and
unstable sources from VCRs and tuners
•
IF filter block compensates for high frequency luma
attenuation due to tuner SAW filter
•
Chroma transient improvement (CTI)
•
Luminance digital noise reduction (DNR)
•
Color controls include hue, brightness, saturation, contrast,
and Cr and Cb offset controls
•
Certified Macrovision copy protection detection on
composite and S-video for all worldwide formats
(PAL/NTSC/SECAM)
•
4× oversampling (54 MHz) for CVBS, S-video, and YUV
modes
•
Line-locked clock output (LLC)
•
Letterbox detection supported
•
Free-run output mode provides stable timing when no
video input is present
•
Vertical blanking interval data processor
• TeleText
• Video Programming System (VPS)
• Vertical Interval Time Codes (VITC)
• Closed captioning (CC) and extended data service
(EDS)
• Wide screen signaling (WSS)
• Copy generation management system (CGMS)
• Gemstar™ 1×/2× electronic program guide compatible
•
Clocked from a single 28.63636 MHz crystal
•
Subcarrier frequency lock (SFL) output for downstream
video encoder
•
Differential gain typically 0.4%
•
Differential phase typically 0.4°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com