Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV7403 Datasheet(PDF) 21 Page - Analog Devices

Part # ADV7403
Description  12-Bit, Integrated, Multiformat SDTV/HDTV Video Decoder and RGB Graphics Digitizer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7403 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADV7403 Datasheet HTML 16Page - Analog Devices ADV7403 Datasheet HTML 17Page - Analog Devices ADV7403 Datasheet HTML 18Page - Analog Devices ADV7403 Datasheet HTML 19Page - Analog Devices ADV7403 Datasheet HTML 20Page - Analog Devices ADV7403 Datasheet HTML 21Page - Analog Devices ADV7403 Datasheet HTML 22Page - Analog Devices ADV7403 Datasheet HTML 23Page - Analog Devices ADV7403 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
ADV7403
Rev. SpA | Page 21 of 24
OUTLINE DIMENSIONS
COMPLIANT TO JEDEC STANDARDS MS-026-BED
TOP VIEW
(PINS DOWN)
1
25
26
51
50
75
76
100
0.50
BSC
LEAD PITCH
0.27
0.22
0.17
1.60 MAX
0.75
0.60
0.45
VIEW A
PIN 1
1.45
1.40
1.35
0.15
0.05
0.20
0.09
0.08
COPLANARITY
VIEW A
ROTATED 90° CCW
SEATING
PLANE
7°
3.5°
0°
14.20
14.00 SQ
13.80
16.20
16.00 SQ
15.80
Figure 10. 100-Lead Low Profile Quad Flat Package [LQFP]
(ST-100)
Dimensions shown in millimeters
ORDERING GUIDE
Model1
Temperature Range
Package Description
Package Option
ADV7403BSTZ-1102
−40°C to +85°C
100-Lead Low Profile Quad Flat Package (LQFP)
ST-100
ADV7403KSTZ-1402
0°C to 70°C
100-Lead Low Profile Quad Flat Package (LQFP)
ST-100
EVAL-ADV7403EBM
Evaluation board
1 The ADV7403 is a Pb-free, environmentally friendly product. It is manufactured using the most up-to-date materials and processes. The coating on the leads of each
device is 100% pure Sn electroplate. The device is suitable for Pb-free applications, and is able to withstand surface-mount soldering at up to 255°C (±5°C). In addition,
it is backward-compatible with conventional SnPb soldering processes. This means that the electroplated Sn coating can be soldered with SnPb solder pastes at
conventional reflow temperatures of 220°C to 235°C.
2 Z = Pb-free part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com