Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9271PB Datasheet(PDF) 7 Page - Richtek Technology Corporation

Part # RT9271PB
Description  White LED Step-Up Converter in Tiny Package
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9271PB Datasheet(HTML) 7 Page - Richtek Technology Corporation

Back Button RT9271PB Datasheet HTML 3Page - Richtek Technology Corporation RT9271PB Datasheet HTML 4Page - Richtek Technology Corporation RT9271PB Datasheet HTML 5Page - Richtek Technology Corporation RT9271PB Datasheet HTML 6Page - Richtek Technology Corporation RT9271PB Datasheet HTML 7Page - Richtek Technology Corporation RT9271PB Datasheet HTML 8Page - Richtek Technology Corporation RT9271PB Datasheet HTML 9Page - Richtek Technology Corporation RT9271PB Datasheet HTML 10Page - Richtek Technology Corporation RT9271PB Datasheet HTML 11Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
RT9271
7
DS9271-13 March 2007
www.richtek.com
Stability for Driving 1 WLED
Time (500ns/Div)
VIN = 2.4V
VOUT
(AC)
IIN
VLX
(100mA/Div)
Stability for Driving 1 WLED
Time (500ns/Div)
VIN = 3.2V
VOUT
(AC)
IIN
VLX
(100mA/Div)
Stability for Driving 2 WLEDs
Time (500ns/Div)
VIN = 2.4V
VOUT
(AC)
IIN
VLX
(100mA/Div)
Stability for Driving 2 WLEDs
Time (500ns/Div)
VIN = 3.6V
VOUT
(AC)
IIN
VLX
(100mA/Div)
Stability for Driving 2 WLEDs
Time (500ns/Div)
VIN = 5.2V
VOUT
(AC)
IIN
VLX
(100mA/Div)
Stability for Driving 3 WLEDs
Time (500ns/Div)
VIN = 2.4V
VOUT
(AC)
IIN
VLX
(100mA/Div)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com