Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9271PB Datasheet(PDF) 3 Page - Richtek Technology Corporation

Part # RT9271PB
Description  White LED Step-Up Converter in Tiny Package
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9271PB Datasheet(HTML) 3 Page - Richtek Technology Corporation

  RT9271PB Datasheet HTML 1Page - Richtek Technology Corporation RT9271PB Datasheet HTML 2Page - Richtek Technology Corporation RT9271PB Datasheet HTML 3Page - Richtek Technology Corporation RT9271PB Datasheet HTML 4Page - Richtek Technology Corporation RT9271PB Datasheet HTML 5Page - Richtek Technology Corporation RT9271PB Datasheet HTML 6Page - Richtek Technology Corporation RT9271PB Datasheet HTML 7Page - Richtek Technology Corporation RT9271PB Datasheet HTML 8Page - Richtek Technology Corporation RT9271PB Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
RT9271
3
DS9271-13 March 2007
www.richtek.com
Function Block Diagram
Operation
The RT9271 is a constant frequency step-up converter with an internal switch. For excellent line and load regulation, the
current mode control is adopted. The operations of RT9271 can be understood from block diagram clearly. The oscillator
triggers the SET input of SR latch to turn on the power switch M1 at the start of each cycle. A current sense voltage sum
with a stabilizing ramp is connected to the positive terminal of the PWM comparator A2. When this voltage exceeds the
output voltage of the error amplifier A1, the SR latch is reset to turn off the power switch till next cycle starts. The output
voltage of the error amplifier A1 is amplified from the difference between the reference voltage 0.25V and the feedback
voltage. In this manner, if the error amplifiers voltage increases, more current is delivered to the output; if it decreases,
less current is delivered. A 15.5V Zener diode connects from OVP pin to FB pin internally to provide an optional protection
function which prevents LX pin from over-voltage damage. Especially when the case of the feedback loop broken due to
component wear-out or improper connection occurs. The behavior of OVP is to clamp the output voltage to 15.5V
typically. This function is suitable for the applications while driving white LEDs less than 4 in series.
+
-
RAMP
GENERATOR
1.1MHz
OSCILLATOR
OVP
FB
R
Q
S
VREF
0.25V
LX
DRIVER
COMPARATOR
GND
M1
A1
A2
+
-
EN
CHIP
ENABLE
VCC
15.5V
0.75Ω
4
μA
Functional Pin Description
Pin No.
−XB −XE
Pin Name Pin Function
1
1
LX
Switch Pin. Connect inductor/diode here. Minimize trace area at this pin to reduce EMI.
2
2
GND
Ground Pin. Connect directly to local ground plane.
3
3
FB
Feedback Pin. Reference voltage is 0.25V. Connect cathode of lowest LED and resistor
here. Calculate resistor value according to the formula: RFB = 0.25/ILED
4
4
EN
Chip Enable Pin. Connect to 1.4V or higher to enable device, 0.4V or less to disable
device.
−
5
OVP
Over Voltage Protection Pin. Voltage sensing input to trigger the function of over voltage
protection, the trip point is 15.5V. Leave it unconnected to disable this function.
5
6
VCC
Input Voltage Pin. Must be locally bypass with 1uF capacitor to GND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com