Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9501APF Datasheet(PDF) 5 Page - Richtek Technology Corporation

Part # RT9501APF
Description  Advanced Lithium-Ion Linear Battery Charger
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9501APF Datasheet(HTML) 5 Page - Richtek Technology Corporation

  RT9501APF Datasheet HTML 1Page - Richtek Technology Corporation RT9501APF Datasheet HTML 2Page - Richtek Technology Corporation RT9501APF Datasheet HTML 3Page - Richtek Technology Corporation RT9501APF Datasheet HTML 4Page - Richtek Technology Corporation RT9501APF Datasheet HTML 5Page - Richtek Technology Corporation RT9501APF Datasheet HTML 6Page - Richtek Technology Corporation RT9501APF Datasheet HTML 7Page - Richtek Technology Corporation RT9501APF Datasheet HTML 8Page - Richtek Technology Corporation RT9501APF Datasheet HTML 9Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
RT9501A/B
Preliminary
5
DS9501A/B-07 March 2007
www.richtek.com
Note 1.
Stresses listed as the above “Absolute Maximum Ratings” may cause permanent damage to the device. These are for
stress ratings. Functional operation of the device at these or any other conditions beyond those indicated in the
operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended
periods may remain possibility to affect device reliability.
Note 2.
Devices are ESD sensitive. Handling precaution recommended.
Note 3.
The device is not guaranteed to function outside its operating conditions.
Parameter
Symbol
Test Condition
Min
Typ
Max
Units
Output (Low) Voltage @ STAT pin VSTAT(LOW) IOL = 10mA
--
0.4
0.6
Output (High) Voltage @ STAT pin VSTAT(HIGH) IOH = 5mA
VDD–0.5
--
--
V
Output Low Voltage @ CC pin
VCC(LOW)
IO(CC) = 5mA ( sink )
--
--
1.5
V
Sink current @ CC pin
ICC(SINK)
Not to exceed power rating
specification (PD)
5
--
40
mA



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com