Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9501APF Datasheet(PDF) 6 Page - Richtek Technology Corporation

Part # RT9501APF
Description  Advanced Lithium-Ion Linear Battery Charger
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9501APF Datasheet(HTML) 6 Page - Richtek Technology Corporation

  RT9501APF Datasheet HTML 1Page - Richtek Technology Corporation RT9501APF Datasheet HTML 2Page - Richtek Technology Corporation RT9501APF Datasheet HTML 3Page - Richtek Technology Corporation RT9501APF Datasheet HTML 4Page - Richtek Technology Corporation RT9501APF Datasheet HTML 5Page - Richtek Technology Corporation RT9501APF Datasheet HTML 6Page - Richtek Technology Corporation RT9501APF Datasheet HTML 7Page - Richtek Technology Corporation RT9501APF Datasheet HTML 8Page - Richtek Technology Corporation RT9501APF Datasheet HTML 9Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
RT9501A/B
Preliminary
6
DS9501A/B-07 March 2007
www.richtek.com
Detection
First, the FB/CE pin must connect to VDD or a voltage
divider to enable the charge function. And then if a battery
is already inserted and the input power source is absent,
the RT9501 will enter sleep mode to prevent draining
power from battery. When input power source and battery
are both existed, another detection is the battery
temperature. The TS pin voltage must be in the allowed
range as shown in Figure 6 and the electrical
characteristics, and then the RT9501 will start the charge
cycle according to the battery voltage conditions.
Precharge Mode
When the battery voltage is lower than the precharge
threshold VO(MIN), the RT9501 begins to charge the battery
in precharge mode. In this condition, the precharge current
is set at approximately 10% of the constant regulation
current. The purposes of small precharge current are to
minimize the power dissipation on the external switch
during the precharge period and to revive deeply
discharged battery cells.
I(SNS)
O(REG)
CS
V
I=
R
Application Information
Charge Profile
Regulation voltage
Regulation current
Precharge threshold
voltage
Precharge
mode
Precharge current =
Charge termination current
Constant current
regulation mode
Constant voltage regulation
and charge termination mode
Recharge voltage
Recharge
mode
Figure 3. Typical charge profile
Constant Current Regulation Charge Mode
When the battery voltage is between the precharge
threshold VO(MIN) and the regulation voltage VO(REG), the
RT9501 starts the constant current regulation charge
mode. RT9501 monitors charge current with voltage drop
between two terminals of a sense-resistor, RCS, which
connects to pin VDD and CS. The following equation can
calculate the desired charging current.
Figure 4
FB/CE
BATT
TS
STAT
CC
CS
VDD
GND
Q1
R
CS
V
IN
Battery
R4



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com