Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HF88S05 Datasheet(PDF) 6 Page - King blillion Electronics Co.,Ltd.

Part # HF88S05
Description  command mode SRAM device
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KB [King blillion Electronics Co.,Ltd.]
Direct Link  
Logo KB - King blillion Electronics Co.,Ltd.

HF88S05 Datasheet(HTML) 6 Page - King blillion Electronics Co.,Ltd.

Back Button HF88S05 Datasheet HTML 2Page - King blillion Electronics Co.,Ltd. HF88S05 Datasheet HTML 3Page - King blillion Electronics Co.,Ltd. HF88S05 Datasheet HTML 4Page - King blillion Electronics Co.,Ltd. HF88S05 Datasheet HTML 5Page - King blillion Electronics Co.,Ltd. HF88S05 Datasheet HTML 6Page - King blillion Electronics Co.,Ltd. HF88S05 Datasheet HTML 7Page - King blillion Electronics Co.,Ltd. HF88S05 Datasheet HTML 8Page - King blillion Electronics Co.,Ltd. HF88S05 Datasheet HTML 9Page - King blillion Electronics Co.,Ltd. HF88S05 Datasheet HTML 10Page - King blillion Electronics Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
KING BILLION ELECTRONICS CO., LTD
駿
億
電
子
股
份
有
限
公
司
HF88S05
SRAM Series
December 18, 2003
6
V1.00
This specification is subject to change without notice. Please contact sales person for the latest version before use.
and TPP registers.
6. Parallel Mode
When in parallel mode, an 8-bit data bus D[7..0] are used to transfer information between MCU and
SRAM. The advantage of parallel transfer mode is that higher speed can be achieved. To operate in
parallel mode, the P_Sn pin should be driven with high level voltage.
6.1. Parallel Write Command Mode
Loading of Addresses and Mode Register in parallel mode are by asserting the Strobe (going low and then
high) in write command mode (both R_Wn and D_Cn are low), which will also clear the CHKSUM
register at the same time. After the previous data transfer or when the device is just selected (CS1 is
high and CS0n is low), the command data will be written to registers in the order of TPL, TPH, TPP, then
Mode, TPL… So when unsure, a dummy data read or deselect and select the device again will reset the
register select.
The timing chart below exemplifies when original TP is unknown, then 0x00, 0x01, 0x02 addresses were
written sequentially to TPL, TPH, and then TPP, the TP becomes 0x020100h.
CS0_n
CS1
P_Sn
D_Cn
R_Wn
D[7:0]
SCLK
TP
(TPP, TPH, TPL)
00
01
02
xxxxxx
xxxx00
xx0100
020100
55
Parallel Command/Data Write Mode
TPL
TPH
TPP
T
Setup
T
Hold
020101
020102
aa
78
020103
T
Ass
6.2. Parallel Write Data Mode
To write data to SRAM in parallel mode, assert Strobe in Data Write Mode (D_Cn @ Vih and R_Wn at
Vil). The checksum register will be updated, and the TP register will be incremented at the rising edge of
Strobe signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com