Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HF88S05 Datasheet(PDF) 2 Page - King blillion Electronics Co.,Ltd.

Part # HF88S05
Description  command mode SRAM device
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KB [King blillion Electronics Co.,Ltd.]
Direct Link  
Logo KB - King blillion Electronics Co.,Ltd.

HF88S05 Datasheet(HTML) 2 Page - King blillion Electronics Co.,Ltd.

  HF88S05 Datasheet HTML 1Page - King blillion Electronics Co.,Ltd. HF88S05 Datasheet HTML 2Page - King blillion Electronics Co.,Ltd. HF88S05 Datasheet HTML 3Page - King blillion Electronics Co.,Ltd. HF88S05 Datasheet HTML 4Page - King blillion Electronics Co.,Ltd. HF88S05 Datasheet HTML 5Page - King blillion Electronics Co.,Ltd. HF88S05 Datasheet HTML 6Page - King blillion Electronics Co.,Ltd. HF88S05 Datasheet HTML 7Page - King blillion Electronics Co.,Ltd. HF88S05 Datasheet HTML 8Page - King blillion Electronics Co.,Ltd. HF88S05 Datasheet HTML 9Page - King blillion Electronics Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
KING BILLION ELECTRONICS CO., LTD
駿
億
電
子
股
份
有
限
公
司
HF88S05
SRAM Series
December 18, 2003
2
V1.00
This specification is subject to change without notice. Please contact sales person for the latest version before use.
1. General Description
The HF88S05 is a command mode SRAM device. It features dual (parallel and serial) command access
modes. Multiple device arrays can be accessed with only minimal additional device select pin. Simple
Exclusive OR checksum provides error detection during data transfer between MCU and the device. The
interface logic and protocol include setting up the starting address for data transfer, writing data into
RAM, as well as read it back for verification, and error checking by Exclusive OR checksum. It can be
used for Read/Write memory extension for all KB’s MCUs.
Chip Select pins allows array of HF88S05 devices are used simultaneously for both parallel and serial
transfer mode. In the serial mode, the HF88S05 is connected in daisy chain configuration to minimize
the I/O pins required to use multi-chip array, while in parallel mode, the devices share most of the control
pins and data bus except the chip select pins.
2. Features
Dual (parallel and serial) command access modes.
Address automatically increment with each Read/Write data access.
Exclusive or checksum error detection
Multiple chip array is allowed with easy addressing logic
Read access voltage range 2.7V ~ 3.6V
Organization -- Memory Cell Array: 64K × 8
Package – Dice form



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com