Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9618GS Datasheet(PDF) 4 Page - Richtek Technology Corporation

Part # RT9618GS
Description  Synchronous-Rectified Buck MOSFET Drivers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9618GS Datasheet(HTML) 4 Page - Richtek Technology Corporation

  RT9618GS Datasheet HTML 1Page - Richtek Technology Corporation RT9618GS Datasheet HTML 2Page - Richtek Technology Corporation RT9618GS Datasheet HTML 3Page - Richtek Technology Corporation RT9618GS Datasheet HTML 4Page - Richtek Technology Corporation RT9618GS Datasheet HTML 5Page - Richtek Technology Corporation RT9618GS Datasheet HTML 6Page - Richtek Technology Corporation RT9618GS Datasheet HTML 7Page - Richtek Technology Corporation RT9618GS Datasheet HTML 8Page - Richtek Technology Corporation RT9618GS Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
RT9618/A
4
DS9618/A-04 March 2007
www.richtek.com
Electrical Characteristics
Recommended Operating Conditions
(Note 3)
Supply Voltage, VCC ------------------------------------------------------------------------------------- 12V
±10%
Junction Temperature Range --------------------------------------------------------------------------- 0
°C to 125°C
Ambient Temperature Range --------------------------------------------------------------------------- 0
°C to 70°C
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
VCC Supply Voltage
Power Supply Voltage
VCC
7.3
--
13.5
V
VCC Supply Current
Power Supply Current
IVCC
VBOOT = 12V, PWM = 0V
--
1
2.5
mA
Power-On Reset
POR Threshold
VVCCrth
VCC Rising
5.5
6.4
7.3
V
Hysteresis
VVCChys
--
2.2
--
V
To be continued
(Recommended Operating Conditions, TA = 25°C unless otherwise specified)
Absolute Maximum Ratings
(Note 1)
Supply Voltage, VCC -------------------------------------------------------------------------------------
−0.3V to 15V
BOOT to PHASE -----------------------------------------------------------------------------------------
−0.3V to 15V
BOOT to GND
DC ------------------------------------------------------------------------------------------------------------
−0.3V to VCC + 15V
< 200ns -----------------------------------------------------------------------------------------------------
−0.3V to 42V
PHASE to GND
DC ------------------------------------------------------------------------------------------------------------
−5V to 15V
< 200ns -----------------------------------------------------------------------------------------------------
−10V to 30V
LGATE
DC ------------------------------------------------------------------------------------------------------------ GND
− 0.3V to VCC + 0.3V
< 200ns -----------------------------------------------------------------------------------------------------
−2V to VCC + 0.3V
UGATE ------------------------------------------------------------------------------------------------------ VPHASE
− 0.3V to VBOOT+ 0.3V
< 200ns ----------------------------------------------------------------------------------------------------- VPHASE
− 2V to VBOOT + 0.3V
PWM Input Voltage -------------------------------------------------------------------------------------- GND
− 0.3V to 7V
OD ------------------------------------------------------------------------------------------------------------ GND
− 0.3V to 7V
Power Dissipation, PD @ TA = 25
°C
SOP-8 ------------------------------------------------------------------------------------------------------- 0.625W
Package Thermal Resistance (Note 4)
SOP-8,
θJA ------------------------------------------------------------------------------------------------- 160°C/W
Lead Temperature (Soldering, 10 sec.) -------------------------------------------------------------- 260
°C
Storage Temperature Range ---------------------------------------------------------------------------
−40°C to 150°C
ESD Susceptibility (Note 2)
HBM (Human Body Mode) ----------------------------------------------------------------------------- 2kV
MM (Machine Mode) ------------------------------------------------------------------------------------- 200V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com