Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9618GS Datasheet(PDF) 2 Page - Richtek Technology Corporation

Part # RT9618GS
Description  Synchronous-Rectified Buck MOSFET Drivers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9618GS Datasheet(HTML) 2 Page - Richtek Technology Corporation

  RT9618GS Datasheet HTML 1Page - Richtek Technology Corporation RT9618GS Datasheet HTML 2Page - Richtek Technology Corporation RT9618GS Datasheet HTML 3Page - Richtek Technology Corporation RT9618GS Datasheet HTML 4Page - Richtek Technology Corporation RT9618GS Datasheet HTML 5Page - Richtek Technology Corporation RT9618GS Datasheet HTML 6Page - Richtek Technology Corporation RT9618GS Datasheet HTML 7Page - Richtek Technology Corporation RT9618GS Datasheet HTML 8Page - Richtek Technology Corporation RT9618GS Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
RT9618/A
2
DS9618/A-04 March 2007
www.richtek.com
Functional Pin Description
Pin No.
Pin Name
Pin Function
1
BOOT
Floating bootstrap supply pin for upper gate drive.
2
PWM
Input PWM signal for controlling the driver.
3
OD
Output Disable. When low, both UGATE and LGATE are driven low and the normal
operation is disabled.
4
VCC
+12V Supply Voltage.
5
LGATE
Lower Gate Drive Output. Connected to gate of low-side power N-Channel MOSFET.
6
PGND
Common Ground.
7
PHASE
Connected this pin to the source of the high-side MOSFET and the drain of the low-side
MOSFET.
8
UGATE
Upper Gate Drive Output. Connected to gate of high-side power N-Channel MOSFET.
Typical Application Circuit
VCC
PWM
PGND
BOOT
UGATE
PHASE
LGATE
RT9618/A
1uF
2.2
Q1
ATX_12V
1uF
PWM
D1
3.3nF
1uH
2200uF
2200uF
10uF
10uF
1
10
2.2uH
1000uF
1000uF
10uF
10uF
1000uF
10uF
10uF
ATX_12V
V
CORE
Q2
2.2
0
1
2
8
5
7
6
4
3
OD
C1
C2
C3
C4
C5
C6
C7
C8
C9
C10
C11
C12
C13
C14
R1
R2
R3
R4
R5
L1
L2
V
IN
+5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com