Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSS2 Datasheet(PDF) 1 Page - CP Clare Corporation

Part # MSS2
Description  DIP 14 SERIES REED RELAYS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CPCLARE [CP Clare Corporation]
Direct Link  
Logo CPCLARE - CP Clare Corporation

MSS2 Datasheet(HTML) 1 Page - CP Clare Corporation

  MSS2 Datasheet HTML 1Page - CP Clare Corporation MSS2 Datasheet HTML 2Page - CP Clare Corporation MSS2 Datasheet HTML 3Page - CP Clare Corporation MSS2 Datasheet HTML 4Page - CP Clare Corporation MSS2 Datasheet HTML 5Page - CP Clare Corporation MSS2 Datasheet HTML 6Page - CP Clare Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
412
DIP 14 SERIES REED RELAYS
MSS2 s MSS7 s PRMA s DSS7 s PRME s MVS2 s MVS7
1-800-CP CLARE
DESCRIPTION
FEATURES
RATINGS @ 25
°C
APPLICATIONS
s Automatic test equipment
s Process control
s Industrial
s Telecom
s Datacom
s High-end security systems
s Signaling
s Metering
s All position mercury contacts on some models
s Stable contact resistance over life
s 4000 Vac input-output isolation
s Bounce free operation
s High insulation resistance
s Switching speed of 300 Hz
s Long life > 1 billion operations
s Epoxy molded for automatic board processing
s UL approval (DSS7 & PRMA)
s BSI approval (DSS7 & MSS7)
s BS EN 60950 approval (MVS7)
s CSA approval (PRMA)
s FCC68 approval (MSS2 & MSS7)
CP Clare’s epoxy molded DIP 14 Series offers a variety of contacts and schematics to meet the needs
of a wide range of applications. It features the MVS2/MVS7 models designed for high reliability. The
MSS2/7 DIPs are 1 form A relays equipped with the MYAD® all-position mounting switch. With switching
up to 50 Watts and a 4000V isolation option, the DIP 14 Series is a relay package that allows for
automatic insertion directly on PCBs as well as insertion into standard 14 pin DIP sockets.
APPROVALS
(See detailed specifications for more information.)
Parameter
Min
Typ
Max
Unit
Switching Voltage
PRMA/PRME/DSS7
200
Volts
PRMA Form C
100
Volts
MSS2/MSS7
500
Volts
MVS2/MVS7
1000 Volts
Switching Current
PRMA/PRME/DSS7
0.5
Amps
PRMA Form C
0.25 Amps
MSS2/MSS7/MVS2/MVS7
2
Amps
Carry Current
PRMA/PRME/DSS7
2
Amps
PRMA Form C
0.4
Amps
MSS2/MSS7
3
Amps
MVS2/MVS7
3
Amps
Switching Frequency
PRMA/PRME/DSS7
500
Hz
PRMA Form C
50
Hz
MSS2/MSS7/MVS2/MVS7
200
Hz
Contact Resistance
PRMA/PRME/DSS7
150
m
Ω
PRMA Form C
200
m
Ω
MSS2/MSS7/MVS2/MVS7
100
m
Ω


Similar Part No. - MSS2

ManufacturerPart #DatasheetDescription
logo
Comus International
MSS2-MVS2 COMUS-MSS2-MVS2 Datasheet
298Kb / 2P
Instrumentation Grade Hg DIP Reed Relays - 1 Form A
logo
M/A-COM Technology Solu...
MSS20-046-C15 MA-COM-MSS20-046-C15 Datasheet
762Kb / 5P
Zero Bias Schottky Diodes
MSS20-046-E25 MA-COM-MSS20-046-E25 Datasheet
762Kb / 5P
Zero Bias Schottky Diodes
MSS20-046-H27 MA-COM-MSS20-046-H27 Datasheet
762Kb / 5P
Zero Bias Schottky Diodes
MSS20-046-T86 MA-COM-MSS20-046-T86 Datasheet
762Kb / 5P
Zero Bias Schottky Diodes
More results

Similar Description - MSS2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MSS71A05 ETC1-MSS71A05 Datasheet
688Kb / 9P
DIP 14 SERIES REED RELAYS
logo
RHOPOINT COMPONENTS
8001 RHOPOINT-8001 Datasheet
66Kb / 2P
DIP Reed Relays
logo
Meder Electronic
DIP05-2A72-21R MEDER-DIP05-2A72-21R Datasheet
93Kb / 1P
DIP Reed Relays
DIP12-1A31-12D MEDER-DIP12-1A31-12D Datasheet
92Kb / 1P
DIP Reed Relays
DIP12-1A75-12L MEDER-DIP12-1A75-12L Datasheet
92Kb / 1P
DIP Reed Relays
DIP12-1A75-12D MEDER-DIP12-1A75-12D Datasheet
92Kb / 1P
DIP Reed Relays
DIP12-2A72-21M MEDER-DIP12-2A72-21M Datasheet
114Kb / 1P
DIP Reed Relays
DIP24-1A72-12L MEDER-DIP24-1A72-12L Datasheet
112Kb / 1P
DIP Reed Relays
DIP24-1A75-12L MEDER-DIP24-1A75-12L Datasheet
92Kb / 1P
DIP Reed Relays
DIP24-1A75-12D MEDER-DIP24-1A75-12D Datasheet
92Kb / 1P
DIP Reed Relays
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com