Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSS2 Datasheet(PDF) 2 Page - CP Clare Corporation

Part # MSS2
Description  DIP 14 SERIES REED RELAYS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CPCLARE [CP Clare Corporation]
Direct Link  
Logo CPCLARE - CP Clare Corporation

MSS2 Datasheet(HTML) 2 Page - CP Clare Corporation

  MSS2 Datasheet HTML 1Page - CP Clare Corporation MSS2 Datasheet HTML 2Page - CP Clare Corporation MSS2 Datasheet HTML 3Page - CP Clare Corporation MSS2 Datasheet HTML 4Page - CP Clare Corporation MSS2 Datasheet HTML 5Page - CP Clare Corporation MSS2 Datasheet HTML 6Page - CP Clare Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
413
DIP 14 SERIES REED RELAYS
MSS2 s MSS7 s PRMA s DSS7 s PRME s MVS2 s MVS7
1-800-CP CLARE
SPECIFICATIONS
MSS2
Molded 8-pin
All position
Wetted contacts
MSS7
Molded 4-pin
All position
Wetted contacts
PRMA
Molded 8-pin
Form C
Dry Reed
Parameter
Conditions
Symbol Min
Typ
Max Min
Typ
Max Min
Typ
Max
Units
Contact Ratings
Switching Voltage
Max DC/PeakAC Resistive
VL
500
500
100
Volts
Switching Current
Max DC/PeakAC Resistive
IL
2
2
0.25
Amps
Carry Current
Max DC/PeakAC Resistive
IC
3
3
0.4
Amps
Contact Rating
Max DC/PeakAC Resistive
50
50
3
Watts
Life Expectancy
Signal Level 1.0 V 10mA
200
200
20
x106 Ops
Rated Loads1
Static Contact
50mV, 10mA
CR
40
100
65
100
200
m
Ω
Resistance
Dynamic Contact
.5V, 50mA at 100 Hz,
DCR
N/A
N/A
N/A
m
Ω
Resistance
1.5 msec
Contact Material
Hg
Hg
Rh
Hg Content
16
16
N/A
mgrams
Relay Specifications
Insulation Resistance
Between all isolated pins
IR
108
1010
108
1010
109
1010
Ω
at 100V, 25
°C, 40% RH
Capacitance
Across Open Contacts
1.5
2
1.2
2
2.5
3
pF
Open Contact to Coil
3
4
3
4
3
3
pF
Dielectric Strength
Between Contacts
1400
2000
250
VDC/Peak AC
Contacts to Coil
I/O
1400
5600
1400
VDC/Peak AC
Operate Time,
At Nominal Coil Voltage
TOP
1.2
1.75
1.2
1.75
1.5
2
ms
including bounce (PRMA only) 10Hz Square Wave
Release Time
Zener-Diode Suppression
TREL
1
1.50
1
1.50
1.5
3
ms
Environmental Ratings
Storage Temperature
TA
-40
+105
-40
+105
-40
+105
°C
Operating Temperature
TO
-38
+75
-38
+75
-40
+80
°C
Soldering Temperature
Applied to pins, 5 sec. max.
260
260
260
°C
Vibration Resistance
10 Hz - 500 Hz
G
10
10
10
Gs
(Survival)
(5 Hz - 500 Hz for PRMA)
Shock Resistance (Survival) 11
±1ms, 1/
2 Sine Wave
S
30
30
50
Gs
Weight
2.3
2.3
1.5
grams
1 Refer to life graphs
All parameters are at 25
°C unless otherwise stated.
Operate voltage, release voltage, and coil resistance will change
approximately 0.4%/
°C as ambient temperature varies.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com