Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9643 Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT9643
Description  5 Channel ACPI Regulator with Step-Down DC/DC Controller
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9643 Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT9643 Datasheet HTML 1Page - Richtek Technology Corporation RT9643 Datasheet HTML 2Page - Richtek Technology Corporation RT9643 Datasheet HTML 3Page - Richtek Technology Corporation RT9643 Datasheet HTML 4Page - Richtek Technology Corporation RT9643 Datasheet HTML 5Page - Richtek Technology Corporation RT9643 Datasheet HTML 6Page - Richtek Technology Corporation RT9643 Datasheet HTML 7Page - Richtek Technology Corporation RT9643 Datasheet HTML 8Page - Richtek Technology Corporation RT9643 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
RT9643
1
DS9643-03 August 2007
www.richtek.com
Features
Integrated 5 Channels Power Regulator
DC/DC Buck PWM Regulator for VDDQ (2.5V or 1.8V)
Linear Regulator Supports 1.5Amp Peak Sinking/
Sourcing Capability for VTT
1.2V Ultra-Low-Dropout Linear Controller for
GMCH VTT Power
3.3VSB Linear Regulator Supports 1.25A Capability
5VDL Switch Control
3VDL Switch Control
Conform to ACPI Specification
Support Power Management at S0, S3, and S5
State
300kHz Fixed Frequency Switching
RDS(ON) Current Sensing or Optional Current
Sense Resistor for Precision Over-Current Detect
Embedded Synchronous Boot-Strapped Diode
Power Good Signal Indication for All Voltages
Thermal Shutdown
24-Lead VQFN Package
RoHS Compliant and 100% Lead (Pb)-Free
Applications
DDR VDDQ and VTT Voltage Generator with ACPI
Support
Desktop System Power
Servers System Power
5 Channel ACPI Regulator with Step-Down DC/DC Controller
Ordering Information
Pin Configurations
(TOP VIEW)
VQFN-24L 5x5
General Description
The RT9643 is a combo regulator which is compliant to
ACPI specification for desktop/motherboard power
management and system application. The part features
one switch regulator for DDR memory VDDQ power; three
linear regulators including 1.5Amp peak sourcing/sinking
capability regulator for DDR VTT, a 1.2V ultra-low-dropout
linear controller for chipset miscellaneous power, a 3.3VSB
power with 1.25Amp peak current capability; and 2 dual
power control including 5VDL, and 3.3VDL control for S3
and S5 system power. The part totally feature 5 sets power
which are compliant to ACPI specification into a single
small footprint package VQFN-24L 5x5.
The part is generally operated to conform to ACPI
specification, in S3 state, there are only VDDQ and
3.3VSB regulators remain on while the VTT and ULDO
regulators are off. In the transition from S3 to S0, an
external SS capacitor is attached for linear regulators to
control its slew rates respectively to avoid inrush current
induced. Moreover, the PGOOD signal raises high in S0
stage while all 3 regulators go stable. In the stage of S5
(EN = 0), there only 3.3VSB LDO remain on, while the
other regulators are powered down. The VDDQ PWM
regulator is a voltage mode implementation with external
compensation to provide high load transient response. The
VTT is regulated to follow 1/2 of VDDQ and is capable of
sourcing or sinking 1.5A peak currents.
Note :
Richtek Pb-free and Green products are :
RoHS compliant and compatible with the current require-
ments of IPC/JEDEC J-STD-020.
Suitable for use in SnPb or Pb-free soldering processes.
100% matte tin (Sn) plating.
Package Type
QV : VQFN-24L 5x5 (V-Type)
RT9643
Operating Temperature Range
P : Pb Free with Commercial Standard
G : Green (Halogen Free with Commer-
cial Standard)
1.2V_DRV
VTT_SNS
VTT_OUT
5V_MAIN
5VSB_DRV
1.2V_FB
VCC_EN
PGOOD
VCC
3VSB_OUT
S3#I
EN
1
2
3
4
5
6
17
16
15
14
13
789
10
12
11
18
22
21
20
19
24
23
GND
25


Similar Part No. - RT9643

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9643 RICHTEK-RT9643_11 Datasheet
438Kb / 17P
5 Channel ACPI Regulator with Step-Down DC/DC Controller
More results

Similar Description - RT9643

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3700 LINER-LTC3700 Datasheet
209Kb / 16P
Constant Frequency Step-Down DC/DC Controller with LDO Regulator
logo
SHANGHAI BELLING CO., L...
BL8501 BELLING-BL8501 Datasheet
340Kb / 10P
Step down DC/DC controller
logo
Silicon Standard Corp.
SS6401 SSC-SS6401 Datasheet
481Kb / 6P
Step-Down DC/DC Controller with Shutdown
SS6580 SSC-SS6580 Datasheet
422Kb / 8P
Step-Down DC/DC Controller with Shutdown
logo
Infineon Technologies A...
TLE6389 INFINEON-TLE6389_07 Datasheet
1Mb / 38P
Step-Down DC/DC Controller
Rev. 2.1 2007-08-13
logo
Richtek Technology Corp...
RT9643 RICHTEK-RT9643_11 Datasheet
438Kb / 17P
5 Channel ACPI Regulator with Step-Down DC/DC Controller
logo
Infineon Technologies A...
IFX80471SK-V INFINEON-IFX80471SK-V Datasheet
1Mb / 32P
Step-Down DC/DC Controller
Rev. 1.0, 2011-02-07
logo
Linear Technology
LTC3700 LINER-LTC3700_15 Datasheet
220Kb / 16P
Constant Frequency Step-Down DC/DC Controller with LDO Regulator
logo
Infineon Technologies A...
TLE6389 INFINEON-TLE6389 Datasheet
121Kb / 23P
Step-Down DC/DC Controller
Rev. 1.7 2001-09-17
logo
Richtek Technology Corp...
RT2702 RICHTEK-RT2702 Datasheet
436Kb / 20P
Step-Down DC-DC Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com