Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9643 Datasheet(PDF) 2 Page - Richtek Technology Corporation

Part # RT9643
Description  5 Channel ACPI Regulator with Step-Down DC/DC Controller
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9643 Datasheet(HTML) 2 Page - Richtek Technology Corporation

  RT9643 Datasheet HTML 1Page - Richtek Technology Corporation RT9643 Datasheet HTML 2Page - Richtek Technology Corporation RT9643 Datasheet HTML 3Page - Richtek Technology Corporation RT9643 Datasheet HTML 4Page - Richtek Technology Corporation RT9643 Datasheet HTML 5Page - Richtek Technology Corporation RT9643 Datasheet HTML 6Page - Richtek Technology Corporation RT9643 Datasheet HTML 7Page - Richtek Technology Corporation RT9643 Datasheet HTML 8Page - Richtek Technology Corporation RT9643 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
RT9643
2
DS9643-03 August 2007
www.richtek.com
Typical Application Circuit
Operation
The RT9643 provides 5 functions:
1. A general purpose PWM regulator, used to generate VDDQ power for DDR memory.
2. A source-sink linear VTT regulator capable of sinking and sourcing 1.5A peak(minimum).
3. An adjustable Low Drop Out controller which, in conjunction with an external N-Channel power MOSFET, provides a
programmable low voltage output. It normally provides 1.2V for GTL FSB termination voltage.
4. Generating a 5V DUAL voltage using an external N-channel to supply power from 5V MAIN in S0, and an external
P-Channel to provide power from 5V Standby (5VSB) in S3.
5.An internal LDO which regulates “3V DUAL” in S3 mode from VCC(VSB). In S3, this regulator is capable of 1.25A
peak currents with current limit protection (2A typ.).
100k
Ω pull up resistor to VOUT to obtain an output voltage. When the output voltage arrive 90% of normal value the power
good will output voltage with 3ms delay time.
When the output voltage falling arrive 75% of normal value the power good will turn off with less than 1ms delay time.
But, there are two exceptions. One is the enable pull low the power good will turn off quickly. The second is the VCC
falling arrive POR value (4V typ.) the power good also will turn off quickly.
VDDQ
Q1
Q2
C1
RT9643
VCC_EN
PGOOD
PHASE
5V_MAIN
LGATE
ISNS
GND
VCC
16
3
4
9
10
19,
Exposed Pad (25)
COUT
L1
BOOT
ILIM
SS
3VSB_OUT
17
8
23
Q3
5VSB_DRV
1.2V_FB
15
1.2V_DRV
R3
R1
R6
C5
C9
C6
R2
R9
C11
C10
R10
C8
C7
C2
12V
R4
5V_MAIN
5V DUAL
Q4
5VSB
3.3 MAIN
Q5
C12
R7
R8
Q6
1.2 OUT
C17
VDDQ
5VSB
C4
C3
R5
L2
UGATE
FB
COMP
VDDQ_IN
VTT_SNS
REF_IN
VTT_OUT
EN
Chip Enable
S3#I
>
11
12
22
7
5
24
6
18
13
20
21
14
1
2
C13
3V DUAL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com