Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9703PS Datasheet(PDF) 13 Page - Richtek Technology Corporation

Part # RT9703PS
Description  80m廓, 3A Smart Universal Power Switch with Flag
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9703PS Datasheet(HTML) 13 Page - Richtek Technology Corporation

Back Button RT9703PS Datasheet HTML 6Page - Richtek Technology Corporation RT9703PS Datasheet HTML 7Page - Richtek Technology Corporation RT9703PS Datasheet HTML 8Page - Richtek Technology Corporation RT9703PS Datasheet HTML 9Page - Richtek Technology Corporation RT9703PS Datasheet HTML 10Page - Richtek Technology Corporation RT9703PS Datasheet HTML 11Page - Richtek Technology Corporation RT9703PS Datasheet HTML 12Page - Richtek Technology Corporation RT9703PS Datasheet HTML 13Page - Richtek Technology Corporation RT9703PS Datasheet HTML 14Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
RT9703
13
DS9703-08 March 2007
www.richtek.com
Fault Flag Filtering (Optional)
The transient inrush current to downstream capacitance
may cause a short-duration error flag, which may cause
erroneous over-current reporting. A simple 1ms RC low-
pass filter (10k
Ω and 0.1μF) in the flag line eliminates
short-duration transients.
PCB Layout
In order to meet the voltage drop, droop, and EMI
requirements, careful PCB layout is necessary. The
following guidelines must be considered:
Keep all input and output traces as short as possible
and use at least 150-mil & 2 ounce copper for all races.
Avoid vias as much as possible. If vias are necessary,
make them as large as feasible.
Place a ground plane under all circuitry to lower both
resistance and inductance and improve DC and transient
performance (Use a separate ground and power plans
if possible).
Locate the bypass capacitors as close as possible to
the input and output pin of the RT9703.
GND
VOUT
EN
VIN
IP
FLG
GND
GND
Board Layout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com