Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9703PS Datasheet(PDF) 2 Page - Richtek Technology Corporation

Part # RT9703PS
Description  80m廓, 3A Smart Universal Power Switch with Flag
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9703PS Datasheet(HTML) 2 Page - Richtek Technology Corporation

  RT9703PS Datasheet HTML 1Page - Richtek Technology Corporation RT9703PS Datasheet HTML 2Page - Richtek Technology Corporation RT9703PS Datasheet HTML 3Page - Richtek Technology Corporation RT9703PS Datasheet HTML 4Page - Richtek Technology Corporation RT9703PS Datasheet HTML 5Page - Richtek Technology Corporation RT9703PS Datasheet HTML 6Page - Richtek Technology Corporation RT9703PS Datasheet HTML 7Page - Richtek Technology Corporation RT9703PS Datasheet HTML 8Page - Richtek Technology Corporation RT9703PS Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
RT9703
2
DS9703-08 March 2007
www.richtek.com
Function Block Diagram
Typical Application Circuit
Functional Pin Description
Pin Name
Pin Function
VIN
Power Input Voltage
VOUT
Output Voltage
GND
Ground
EN
Chip Enable (Active High)
FLG
Open-Drain Fault Flag Output
IP
Current Limit Programming Input
VIN
EN
FLG
IP
VOUT
GND
RT9703
Peripheral
33uF
R
SET
Pull-Up Resistor (10K to 100K)
Supply Voltage
10uF
Fault Flag
Chip Enable
Gate
Control
Output Voltage
Detection
Delay
Oscillator
UVLO
Charge
Pump
Bias
Thermal
Protection
FLG
VOUT
EN
+
-
IP
VIN
V
REF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com