Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9703GS Datasheet(PDF) 8 Page - Richtek Technology Corporation

Part # RT9703GS
Description  80m廓, 3A Smart Universal Power Switch with Flag
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9703GS Datasheet(HTML) 8 Page - Richtek Technology Corporation

Back Button RT9703GS Datasheet HTML 4Page - Richtek Technology Corporation RT9703GS Datasheet HTML 5Page - Richtek Technology Corporation RT9703GS Datasheet HTML 6Page - Richtek Technology Corporation RT9703GS Datasheet HTML 7Page - Richtek Technology Corporation RT9703GS Datasheet HTML 8Page - Richtek Technology Corporation RT9703GS Datasheet HTML 9Page - Richtek Technology Corporation RT9703GS Datasheet HTML 10Page - Richtek Technology Corporation RT9703GS Datasheet HTML 11Page - Richtek Technology Corporation RT9703GS Datasheet HTML 12Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
RT9703
8
DS9703-08 March 2007
www.richtek.com
CE Threshold Voltage vs. Temperature
0
0.4
0.8
1.2
1.6
2
2.4
-40
-20
0
20
40
60
80
100
120
Temperature
(°C)
VIN = 5V, IL = 100mV
CIN = 10uF, COUT = 33uF
RSET = 100k
Ω
4
EN Pin Threshold Voltage vs.
Turn-Off Falling Time vs. Temperature
0
1
2
3
4
5
6
-40
-20
0
20
40
60
80
100
120
Temperature
(°C)
VIN = 5V, VEN = 0V
CIN = 10uF, COUT = 1uF
RL = 30
Ω, RSET = 200kΩ
S1 = ON
1
Flag Dealy Time vs. Input Voltage
0
2
4
6
8
10
22.5
33.5
44.5
55.5
Input Voltage (V)
VEN = 5V
CIN = 10uF, COUT = 33uF
RL = 0.5
Ω, RSET = 100kΩ
RFG = 1k
Ω
4
Turn-On Rising Time vs. Temperature
0
0.5
1
1.5
2
2.5
3
3.5
4
-40
-20
0
20
40
60
80
100
120
Temperature
VIN = VEN = 5V
CIN = 10uF, COUT = 1uF
RL = 30
Ω, RSET = 200kΩ
S1 = ON
(°C)
1
Turn-Off Leakage Current vs. Temperature
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
-40
-20
0
20
406080
100
120
Temperature
VIN = 5V, VEN = 0V
CIN = 10uF, COUT = 33uF
RL = 0
Ω, RSET = 100kΩ
(°C)
2
Flag Delay Time vs. Temperature
4
5
6
7
8
9
-40
-20
0
20406080
100
120
Temperature
(°C)
VIN = VEN = 5V
CIN = 10uF, COUT = 33uF
RL = 0.5
Ω, RSET = 100kΩ
RFG = 1k
Ω
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com