Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9703GS Datasheet(PDF) 3 Page - Richtek Technology Corporation

Part # RT9703GS
Description  80m廓, 3A Smart Universal Power Switch with Flag
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9703GS Datasheet(HTML) 3 Page - Richtek Technology Corporation

  RT9703GS Datasheet HTML 1Page - Richtek Technology Corporation RT9703GS Datasheet HTML 2Page - Richtek Technology Corporation RT9703GS Datasheet HTML 3Page - Richtek Technology Corporation RT9703GS Datasheet HTML 4Page - Richtek Technology Corporation RT9703GS Datasheet HTML 5Page - Richtek Technology Corporation RT9703GS Datasheet HTML 6Page - Richtek Technology Corporation RT9703GS Datasheet HTML 7Page - Richtek Technology Corporation RT9703GS Datasheet HTML 8Page - Richtek Technology Corporation RT9703GS Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
RT9703
3
DS9703-08 March 2007
www.richtek.com
Test Circuits
Note: Above test circuits reflected the graphs shown on “Typical Operating Characteristics” are as follows:
1
–Turn-On Rising & Turn-Off Falling Time vs. Temperature, Turn-On & Off Response, Flag Response at Chip Enable, Flag
Response (Enable into Current Limit)
2
–On-State & Off-State Supply Current vs. Input Voltage/Temperature, Turn-Off Leakage Current vs. Temperature
3
–On-Resistance vs. Input Voltage/Temperature
4
–EN Threshold Voltage vs. Input Voltage/Temperature, Flag Delay Time vs. Input Voltage/Temperature, UVLO Threshold
vs. Temperature, UVLO at Rising & Falling
5
–Current Limit vs. Input Voltage/Temperature/RSET, Current Limit Factor vs. RSET, Short Circuit Current vs. Input Voltage,
Inrush Current Response, Soft-Start Response, Current-Limit & Short Circuit with Thermal Shutdown, Short-Circuit
Response
12
34
5
VIN
EN
FLG
VOUT
GND
RT9703
R
L
A
C
OUT
I
L
V
OUT
R
FG
C
IN
V
IN
IP
R
SET
I
SUPPLY
A
I
OUT
S1
V
FLG
Chip Enable
VIN
EN
FLG
VOUT
GND
RT9703
A
A
IP
I
LEAKAGE
R
L
R
SET
V
IN
C
IN
I
SUPPLY
Chip Enable
VIN
EN
FLG
VOUT
GND
RT9703
I
OUT
C
OUT
V
RDS(ON)
C
IN
V
IN
V
IP
R
SET
VIN
EN
FLG
VOUT
GND
RT9703
R
L
C
OUT
I
L
V
OUT
R
FG
C
IN
V
IN
V
CE
IP
R
SET
V
FLG
VIN
EN
FLG
VOUT
GND
RT9703
R
L
A
I
OUT
S3
C
OUT
I
L
V
OUT
C
IN
V
IN
S2
IP
R
SET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com