Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ACT05 Datasheet(PDF) 1 Page - Silicon Supplies

Part # 74ACT05
Description  Advanced CMOS TTL Input
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

74ACT05 Datasheet(HTML) 1 Page - Silicon Supplies

  74ACT05_V01 Datasheet HTML 1Page - Silicon Supplies 74ACT05_V01 Datasheet HTML 2Page - Silicon Supplies 74ACT05_V01 Datasheet HTML 3Page - Silicon Supplies 74ACT05_V01 Datasheet HTML 4Page - Silicon Supplies 74ACT05_V01 Datasheet HTML 5Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
 
 
 
Advanced CMOS TTL Input – 74ACT05
Hex Inverter Gate with Open-Drain Outputs in bare die form
Rev 1.0
10/05/19
 
 
Inputs directly accept TTL
Outputs directly interface CMOS, NMOS and TTL
 
 
 
 
 
 
Outputs Source/Sink 24 mA
Low Input Current: 1µA
Functionally compatible with bipolar 74LS05
Lower power alternative to bipolar logic.
Features:
Ordering Information
The following part suffixes apply:
The 74ACT05 hex inverter gate is fabricated on a 1.5µm
advanced 5V CMOS process combining high speed
LSTTL performance with CMOS low power. The device
contains six independent inverters with open-drain
outputs and perform the Boolean function Y = Ᾱ.
Device outputs can connect with other open-drain
outputs to form active LOW wired-OR or active HIGH
wired-AND logic functions. Open-drain outputs need
pull-up resistors to perform correctly*. Inputs are directly
compatible with both standard TTL and CMOS outputs.  
 
Description
Die Dimensions in µm (mils)
1100 (43)
 
No suffix - MIL-STD-883 /2010B Visual Inspection
 
 
 
 
For High Reliability versions of this product please see
54ACT05
 
 
 
 
1100 x 1260
43 x 50
 
 
 
 
Die Size (Unsawn)
µm
mils
Minimum Bond Pad Size
108 x 108
4.25 x 4.25
µm
mils
Die Thickness
350 (±20)
Supply Formats:
Mechanical Specification
Default – Die in Waffle Pack (400 per tray capacity)
Sawn Wafer on Tape – On request
Unsawn Wafer – On request
13.78 (±0.79)
µm
mils
Top Metal Composition
Die Thickness <> 350µm(14 Mils) – On request
Al 1%Si 1.1µm
Assembled into Ceramic Package – On request
Back Metal Composition
N/A – Bare Si
Page 1 of 5 
www.siliconsupplies.com


Similar Part No. - 74ACT05_V01

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
74ACT05 ONSEMI-74ACT05 Datasheet
139Kb / 10P
Hex Inverter with Open?묭rain Outputs
October, 2006 ??Rev. 8
logo
Silicon Supplies
74ACT05 SS-74ACT05 Datasheet
571Kb / 5P
Advanced CMOS TTL Input
More results

Similar Description - 74ACT05_V01

ManufacturerPart #DatasheetDescription
logo
Silicon Supplies
54ACT14 SS-54ACT14 Datasheet
371Kb / 5P
Advanced CMOS TTL Input
54ACT32 SS-54ACT32 Datasheet
733Kb / 5P
Advanced CMOS TTL Input
74ACT05 SS-74ACT05 Datasheet
571Kb / 5P
Advanced CMOS TTL Input
54ACT05 SS-54ACT05 Datasheet
575Kb / 5P
Advanced CMOS TTL Input
54ACT240 SS-54ACT240 Datasheet
735Kb / 6P
Advanced CMOS TTL Input
54ACT11 SS-54ACT11 Datasheet
511Kb / 5P
Advanced CMOS TTL Input
54ACT86 SS-54ACT86 Datasheet
541Kb / 5P
Advanced CMOS TTL Input
54ACT240 SS-54ACT240_V01 Datasheet
394Kb / 6P
Advanced CMOS TTL Input
Rev 1.1 30/11/21
54ACT32 SS-54ACT32_V01 Datasheet
578Kb / 5P
Advanced CMOS TTL Input
Rev 1.1 08/11/2022
74ACT32 SS-74ACT32_V01 Datasheet
579Kb / 5P
Advanced CMOS TTL Input
Rev 1.1 08/11/2022
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com