Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M95128-RMB6TP/P Datasheet(PDF) 33 Page - STMicroelectronics

Part # M95128-RMB6TP/P
Description  128 Kbit serial SPI bus EEPROM with high speed clock
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95128-RMB6TP/P Datasheet(HTML) 33 Page - STMicroelectronics

Back Button M95128-RMB6TP/P Datasheet HTML 29Page - STMicroelectronics M95128-RMB6TP/P Datasheet HTML 30Page - STMicroelectronics M95128-RMB6TP/P Datasheet HTML 31Page - STMicroelectronics M95128-RMB6TP/P Datasheet HTML 32Page - STMicroelectronics M95128-RMB6TP/P Datasheet HTML 33Page - STMicroelectronics M95128-RMB6TP/P Datasheet HTML 34Page - STMicroelectronics M95128-RMB6TP/P Datasheet HTML 35Page - STMicroelectronics M95128-RMB6TP/P Datasheet HTML 36Page - STMicroelectronics M95128-RMB6TP/P Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 44 page
background image
M95128, M95128-W, M95128-R
DC and AC parameters
33/44
Table 18.
AC characteristics (M95128-W, device grade 3)
Test conditions specified in Table 10 and Table 8
Symbol
Alt.
Parameter
Min.
Max.
Unit
fC
fSCK
Clock frequency
D.C.
5
MHz
tSLCH
tCSS1
S active setup time
90
ns
tSHCH
tCSS2
S not active setup time
90
ns
tSHSL
tCS
S deselect time
100
ns
tCHSH
tCSH
S active hold time
90
ns
tCHSL
S not active hold time
90
ns
tCH
(1)
1.
tCH + tCL must never be less than the shortest possible clock period, 1 / fC(max)
tCLH
Clock high time
90
ns
tCL
(1)
tCLL
Clock low time
90
ns
tCLCH
(2)
2.
Value guaranteed by characterization, not 100% tested in production.
tRC
Clock rise time
1
µs
tCHCL
(2)
tFC
Clock fall time
1
µs
tDVCH
tDSU
Data in setup time
20
ns
tCHDX
tDH
Data in hold time
30
ns
tHHCH
Clock low hold time after HOLD not active
70
ns
tHLCH
Clock low hold time after HOLD active
40
ns
tCLHL
Clock low setup time before HOLD active
0
ns
tCLHH
Clock low setup time before HOLD not active
0
ns
tSHQZ
(2)
tDIS
Output disable time
100
ns
tCLQV
tV
Clock low to output valid
60
ns
tCLQX
tHO
Output hold time
0
ns
tQLQH
(2)
tRO
Output rise time
50
ns
tQHQL
(2)
tFO
Output fall time
50
ns
tHHQV
tLZ
HOLD high to output valid
50
ns
tHLQZ
(2)
tHZ
HOLD low to output High-Z
100
ns
tW
tWC
Write time
5
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com