Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M95128-RMB6TP/P Datasheet(PDF) 39 Page - STMicroelectronics

Part # M95128-RMB6TP/P
Description  128 Kbit serial SPI bus EEPROM with high speed clock
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95128-RMB6TP/P Datasheet(HTML) 39 Page - STMicroelectronics

Back Button M95128-RMB6TP/P Datasheet HTML 35Page - STMicroelectronics M95128-RMB6TP/P Datasheet HTML 36Page - STMicroelectronics M95128-RMB6TP/P Datasheet HTML 37Page - STMicroelectronics M95128-RMB6TP/P Datasheet HTML 38Page - STMicroelectronics M95128-RMB6TP/P Datasheet HTML 39Page - STMicroelectronics M95128-RMB6TP/P Datasheet HTML 40Page - STMicroelectronics M95128-RMB6TP/P Datasheet HTML 41Page - STMicroelectronics M95128-RMB6TP/P Datasheet HTML 42Page - STMicroelectronics M95128-RMB6TP/P Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 44 page
background image
M95128, M95128-W, M95128-R
Package mechanical
39/44
Figure 20.
UFDFPN8, 8-lead ultra thin fine pitch dual flat package no lead 2 x 3 mm,
outline
1.
Not to scale.
Table 22.
UFDFPN8, 8-lead ultra thin fine pitch dual flat package no lead 2 x 3 mm,
mechanical data
Symbol
millimeters
inches(1)
1.
Values in inches are converted from mm and rounded to 4 decimal digits.
Typ
Min
Max
Typ
Min
Max
A
0.55
0.45
0.6
0.0217
0.0177
0.0236
A1
0.02
0
0.05
0.0008
0
0.002
b
0.25
0.2
0.3
0.0098
0.0079
0.0118
D
2
1.9
2.1
0.0787
0.0748
0.0827
D2
1.6
1.5
1.7
0.063
0.0591
0.0669
E
3
2.9
3.1
0.1181
0.1142
0.122
E2
0.2
0.1
0.3
0.0079
0.0039
0.0118
e
0.5
-
-
0.0197
-
-
L
0.45
0.4
0.5
0.0177
0.0157
0.0197
L1
0.15
0.0059
L3
0.3
0.0118
ddd(2)
2.
Applied for exposed die paddle and terminals. Exclude embedding part of exposed die paddle from
measuring.
0.08
0.08
D
E
UFDFPN-01
A
A1
ddd
L1
e
b
D2
L
E2
L3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com