Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSC7101 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # CSC7101
Description  High efficiency and low standby power consumption primary-side feedback AC/DC drive circuit
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CSC7101 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  CSC7101 Datasheet HTML 1Page - List of Unclassifed Manufacturers CSC7101 Datasheet HTML 2Page - List of Unclassifed Manufacturers CSC7101 Datasheet HTML 3Page - List of Unclassifed Manufacturers CSC7101 Datasheet HTML 4Page - List of Unclassifed Manufacturers CSC7101 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
CSC7101
第 1 页
高效率低待机功耗原边反馈 AC/DC 驱动电路
产品概述
CSC7101是一款高效率低待机功耗原边反
馈小功率电源AC/DC驱动电路。采用电流模式控
制,无需光耦、TL431及相关器件即可实现精确
的恒压恒流控制。CSC7101内部集成了高压大功
率的BJT、PFM控制器以及多种保护回路,集成
度高,减少了外围应用元件。
CSC7101可以被简单的设计成为一种典型
的反激式开关变换器,其特有的驱动技术提升了
变换器的耐压同时提高其效率。
主要特点
内部集成耐压大于 810V 的功率三极管
原边反馈恒流控制,无需光耦及 TL431
高精度的 CV/CC 控制
过温保护
输出电压保护(OVP/UVP)
待机功耗<100mW
自动重启设置
低启动电流
良好的 EMC 特性
引脚排列
SOP7
VCC
GND
FB
CPC
HV
CS
HV
典型应用
智能手机/平板电脑
数码相机和其它小型数码产品
充电器、电源适配器等
引脚功能
序号
符号
功能描述
序号
符号
功能描述
1
VCC
电源
5
HV
高压三极管集电极
2
FB
反馈端
6
3
CPC
电容补偿端
4
CS
电流采样端
7
GND
地


Similar Part No. - CSC7101

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CSC7203 ETC-CSC7203 Datasheet
326Kb / 6P
HIGH PERFORMANCE OFF-LINE PWM SWITCHING POWER CONVERTER
Version : 2.0 April-2017
logo
Crytal Resources Microe...
CSC7225 CRM-CSC7225 Datasheet
274Kb / 5P
High performance Off-line PWM Switching Power Controller
V1.0
More results

Similar Description - CSC7101

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTW-42NC5 LITEON-LTW-42NC5 Datasheet
195Kb / 8P
Low power consumption, High efficiency
logo
Rohm
BP5074 ROHM-BP5074 Datasheet
595Kb / 2P
AC/DC converters with low power consumption during standby
logo
Shenzhen Winsemi Microe...
WS2268 WINSEMI-WS2268 Datasheet
226Kb / 8P
Primary Side AC/DC Controller
WS2580 WINSEMI-WS2580 Datasheet
204Kb / 9P
Low Power Primary Side AC/DC Controller
WS2585 WINSEMI-WS2585 Datasheet
198Kb / 9P
WS2585 Low Power Primary Side AC/DC Converter
logo
Rohm
BM1R00001F-E2 ROHM-BM1R00001F-E2 Datasheet
2Mb / 26P
High Efficiency and Low Standby Power CCM corresponding
logo
Taiwan Semiconductor Co...
TS19706CS TSC-TS19706CS Datasheet
344Kb / 9P
Primary-Side Feedback Control
logo
STMicroelectronics
HVLED001B STMICROELECTRONICS-HVLED001B Datasheet
1Mb / 33P
High power factor flyback controller with constant voltage primary-sensing and ultra-low standby consumption
15-Jan-2019
logo
Wuxi Chipown Micro-elec...
PN8359 CHIPOWN-PN8359 Datasheet
243Kb / 5P
High-precision CC/CV primary-side feedback AC-DC converter
Rev.A
PN8366 CHIPOWN-PN8366 Datasheet
389Kb / 9P
Ultra-low standby power consumption quasi-resonant primary-side feedback AC-DC converter
Rev.A
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com