Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSC7225 Datasheet (PDF) - Crytal Resources Microelectronics

CSC7225 Datasheet PDF - Crytal Resources Microelectronics
Part # CSC7225
Download  CSC7225 Download
File Size   274.46 Kbytes
Page   5 Pages
Manufacturer  CRM [Crytal Resources Microelectronics]
Direct Link  http://www.cschip.com
Logo CRM - Crytal Resources Microelectronics
Description High performance Off-line PWM Switching Power Controller

CSC7225 Datasheet (PDF)

Go To PDF Page Download Datasheet
CSC7225 Datasheet PDF - Crytal Resources Microelectronics

Part # CSC7225
Download  CSC7225 Click to download

File Size   274.46 Kbytes
Page   5 Pages
Manufacturer  CRM [Crytal Resources Microelectronics]
Direct Link  http://www.cschip.com
Logo CRM - Crytal Resources Microelectronics
Description High performance Off-line PWM Switching Power Controller

CSC7225 Datasheet (HTML) - Crytal Resources Microelectronics


CSC7225 Product details

DESCRIPTION
The CSC7225 is a high performance current
mode Pulse Width Modulated (PWM) switching
power converter, which meets the Green
Environmental standards. It is widely used in
economical switching power supply, such as
Set-top Box, DVD, printer and LCD display, etc.
Available in DIP-8 Package.

FEATURES
 Very low external component required.
 Built-in 700V BJT.
 Built-in self-powered, without auxilliary
winding.
 Output power 24W in input voltage
85V~265Vac .
 Built-in OVP, OCP, OTP.
 Frequency shuttling for EMI.
 No-load Power Consumption < 0.3W and
When VIN = 220VAC, Power Consumption
< 0.2W.

TYPICAL APPLICATION
 Power AC/DC adapters
 DVD/VCD/VCR power supply
 STB power supply
 Battery charger




Similar Part No. - CSC7225

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CSC7203 ETC-CSC7203 Datasheet
326Kb / 6P
HIGH PERFORMANCE OFF-LINE PWM SWITCHING POWER CONVERTER
Version : 2.0 April-2017
More results


Similar Description - CSC7225

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1841 TI-UC1841 Datasheet
923Kb / 9P
Programmable, Off-Line, PWM Controller
UC1851 TI-UC1851 Datasheet
576Kb / 7P
Programmable, Off-Line, PWM Controller
logo
Orister Corporation
RS2030X ORISTER-RS2030X Datasheet
292Kb / 7P
Lowest Cost Green-Power Off-Line PWM Controller
logo
Texas Instruments
SLUS208 TI1-SLUS208 Datasheet
942Kb / 11P
Programmable, Off-Line, PWM Controller
SLUS226 TI1-SLUS226 Datasheet
772Kb / 11P
Programmable, Off-Line, PWM Controller
logo
Dialog Semiconductor
IW1689 DIALOG-IW1689 Datasheet
973Kb / 17P
Low-Power Off-line Digital PWM Controller
IW1690 DIALOG-IW1690 Datasheet
879Kb / 13P
Low-Power Off-line Digital PWM Controller
IW1692 DIALOG-IW1692 Datasheet
1Mb / 18P
Low-Power Off-line Digital PWM Controller
logo
Shenzhen Huazhimei Semi...
HM2740 HMSEMI-HM2740 Datasheet
1Mb / 10P
High Performance Low Cost Off-line PWM Power Switch
logo
Renesas Technology Corp
IW1690 RENESAS-IW1690 Datasheet
847Kb / 13P
Low-Power Off-line Digital PWM Controller
JANUARY 22, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com