Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CXOMHT Datasheet(PDF) 1 Page - STATEK CORPORATION

Part # CXOMHT
Description  High Temperature/High Stability/Fast Start-up/High Shock
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STATEK [STATEK CORPORATION]
Direct Link  http://www.statek.com
Logo STATEK - STATEK CORPORATION

CXOMHT Datasheet(HTML) 1 Page - STATEK CORPORATION

  CXOMHT Datasheet HTML 1Page - STATEK CORPORATION CXOMHT Datasheet HTML 2Page - STATEK CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
10177 Rev A
TYPICAL
MAXIMUM
DIM
inches
mm
inches
mm
A
0.256
6.50
0.263
6.68
B
0.197
5.00
0.204
5.18
C (SM1)
0.051
1.30
0.055
1.40
C (SM3/SM5)
0.055
1.40
0.063
1.60
D
0.055
1.40
0.065
1.65
E
0.060
1.52
0.070
1.78
PIN CONNECTIONS
1. Enable/Disable (E) or No Connection (N)
2. Ground
3. Output
4.
V
DD
SUGGESTED LAND PATTERN
PACKAGE DIMENSIONS
actual size
side view
DESCRIPTION
For high temperature, high stability and fast start-up
applications, Statek offers the AT crystal-based 32.768 kHz
CXOMHT oscillator. This oscillator is designed to operate at
temperatures up to 200
OC with a total frequency stability of
200 parts-per-million, compared to about 1,000 ppm for a
tuning fork-based 32.768 kHz oscillator. It is also offered in
a high-shock version that features a 10,000 g shock
survivability. Other features include fast start-up time (0.8 ms
typical) and low current operation (500 µA at 25
OC.)
FEATURES
High temperature operation up to 200
OC
Excellent stability over temperature
Fast start-up
High shock resistance
Designed for surface mount applications using infrared,
vapor phase, or epoxy mount techniques
CMOS and TTL compatible
Optional output enable/disable
Low EMI emission
Hermetically sealed ceramic package
Full military testing available
APPLICATIONS
Industrial
Downhole instrumentation
Rotary shaft sensors
Underground boring tools
STATEK CORPORATION 512 N. MAIN ST., ORANGE, CA 92868 714-639-7810 FAX: 714-997-1256 www.statek.com
CXOMHT OSCILLATOR
32.768 kHz
High Temperature/High Stability/Fast Start-up/High Shock


Similar Part No. - CXOMHT

ManufacturerPart #DatasheetDescription
logo
IQD Frequency Products ...
CXOMHT-3.3V IQD-CXOMHT-3.3V Datasheet
211Kb / 3P
Crystal Clock Oscillator Specification
logo
RSG Electronic Componen...
CXOMHT4SHGE RSG-CXOMHT4SHGE Datasheet
178Kb / 2P
HIGH TEMPERATURE OSCILLATORS
CXOMHT4SHGESM3 RSG-CXOMHT4SHGESM3 Datasheet
178Kb / 2P
HIGH TEMPERATURE OSCILLATORS
CXOMHT4SHGESM5 RSG-CXOMHT4SHGESM5 Datasheet
178Kb / 2P
HIGH TEMPERATURE OSCILLATORS
CXOMHT4SHGN RSG-CXOMHT4SHGN Datasheet
178Kb / 2P
HIGH TEMPERATURE OSCILLATORS
More results

Similar Description - CXOMHT

ManufacturerPart #DatasheetDescription
logo
STATEK CORPORATION
CXO3M STATEK-CXO3M_09 Datasheet
223Kb / 2P
High Stability/Fast Start-up Crystal Oscillator
CXOMK STATEK-CXOMK Datasheet
298Kb / 2P
High Stability, High Shock Crystal Oscillator
CXOX STATEK-CXOX_13 Datasheet
201Kb / 2P
Ultra-Miniature, High Stability High Shock Crystal Oscillator
CXOXULP STATEK-CXOXULP Datasheet
127Kb / 2P
Ultra-Low Power/Fast Start-Up/High Shock
HGXOHT STATEK-HGXOHT Datasheet
78Kb / 2P
High Shock, High Temperature Crystal Oscillator
logo
EUROQUARTZ limited
CXOX EUROQUARTZ-CXOX Datasheet
103Kb / 1P
Fast Start-up/Tight Tolerance/High Shock
CXOXHT EUROQUARTZ-CXOXHT Datasheet
137Kb / 1P
High Temperature/High Shock
CXOXULP EUROQUARTZ-CXOXULP Datasheet
130Kb / 1P
Ultra-Low Power/Fast Start-Up/High Shock
LHTAT EUROQUARTZ-LHTAT Datasheet
108Kb / 1P
Leaded High Temperature/High Shock
CXOLHG EUROQUARTZ-CXOLHG Datasheet
128Kb / 1P
Ultra-Low Power/Fast Start-Up/High Shock 32.768kHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com